Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC3MPP Datasheet(PDF) 2 Page - Neutrik AG

Part # NC3MPP
Description  XLR Re ceptacles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NC3MPP Datasheet(HTML) 2 Page - Neutrik AG

  NC3MPP Datasheet HTML 1Page - Neutrik AG NC3MPP Datasheet HTML 2Page - Neutrik AG NC3MPP Datasheet HTML 3Page - Neutrik AG NC3MPP Datasheet HTML 4Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XLR Receptac les — T e c hnical Data
24
WE
EE
• C O MP
• C O MP
WE
EE
Specifications
A
Series
AA
Series
B
Series
BA
Series
D
Series
DL1
Series
DS
Series
DLX
Series
DLX
Crimp
Electrical
Number of contacts:
3 – 5
3
3 – 5
3
3
3 – 7
3
3 – 7
3
Contact Resistance:
male/female:
≤ 3 mΩ/≤ 5 mΩ
≤ 8 mΩ
Insulation Resistance:
Initial:
>
2 G
Ω
After damp heat test:
>
1 G
Ω
Dielectric Strength:
1500 V dc
Rated voltage:
50 V ac
Rated current per contact
3 pole: 16 A
6 A
6 A
6 A
6 A
6 A
10 A
1 A
4 pole:
10 A
4 A
—
4 A
—
—
—
—
5, 6 pole:
7.5A
3 A
—
3 A
—
—
—
—
7 pole:
5 A
—
—
—
—
—
—
—
Capacitance between contacts
3 pole:
≤ 7 pF
≤ 4 pF ≤ 4 pF ≤ 4 pF ≤ 4 pF ≤ 4 pF
4, 5, 6 pole:
≤ 7 pF
—
——
—
—
7 pole:
≤ 9 pF
—
—
—
—
—
—
—
Mec hanical
Lifetime > 1‘000 insertion / withdrawal cycles
Insertion/withdrawal force
≤ 20 Newtons (N)
≤30/ ≥10
Retention method:
standard:
latch lock
latchless
"
O" Version:
≥ 20 N separating force
—
Termination Type:
Solder Terminals
—
—
—
—
—
—
PC Board Mount
——
—
IDC
—
——
—
—
—
Screw Terminals
—
—
—
—
—
—
—
Materials
Shell:
Zinc diecast
(ZnAl4Cu1)
—
—
—
—
—
(gal Ni or black Cr)
—
—
—
—
Insert:
Polyamide
PA 6.6 30% GR
Ring:
Zinc diecast
(ZnAl4Cu1)
—
—
——
—
—
—
Contacts
female
3 pole:
Bronze (CuSn6)
female
4 - 7 pole:
Brass (CuZn39Pb3)
—
—
all male:
Brass (CuZn39Pb3)
—
Contact surface:
Gold: gal 0.2 µm AuCo over 2 µm NiP15 (Tribor®)
——
—
—
—
Gold: gal 0.2 µm Au hard alloy over 2 µm Ni
—
—
—
—
Silver: gal 2 µm Ag
—
—
—
—
—
Latch lock & spring:
Ck 67 steel, treated
En vir onmental
Operating temperature:
-30° C to +80° C
Flammability:
UL 94 HB
UL 94 V-0
3 pole
—
3 pole
—
—
—
—
—
—
Protection class:
IP 40
Solderability complies with IEC 68-2-20
—
Mounting screw:
A-Screw A-Screw
1
A-Screw
—
—
—
—
—
Color coding:
ACR –
*
——
ACR –
* DSS
DSS
DSS
DSS
DSS
1 ..... B Series 3 pole connectors: B-Screw-1-8; 4 & 5 pole versions: A-Screw-1-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com