Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012
Description  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012 Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F2012 Datasheet HTML 1Page - Texas Instruments MSP430F2012 Datasheet HTML 2Page - Texas Instruments MSP430F2012 Datasheet HTML 3Page - Texas Instruments MSP430F2012 Datasheet HTML 4Page - Texas Instruments MSP430F2012 Datasheet HTML 5Page - Texas Instruments MSP430F2012 Datasheet HTML 6Page - Texas Instruments MSP430F2012 Datasheet HTML 7Page - Texas Instruments MSP430F2012 Datasheet HTML 8Page - Texas Instruments MSP430F2012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Getting Started
www.ti.com
4
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
1
Getting Started
1.1
Introduction
The MSP430G2553 16-bit MCU has 16KB of flash, 512 bytes of RAM, up to 16-MHz CPU speed, an 8-
channel 10-bit ADC, capacitive-touch enabled I/Os, a universal serial communication interface, and
more – plenty to get started in your development.
Rapid prototyping is simplified by the 20-pin BoosterPack™ plug-in module headers that support a wide
range of available BoosterPack plug-in modules. You can quickly add features like wireless connectivity,
graphical displays, environmental sensing, and much more. You can either design your own BoosterPack
plug-in module or choose among many already available from TI and third-party developers.
The LaunchPad development kit features an integrated DIP target socket that supports up to 20 pins,
allowing MSP430 entry-level MCUs to be plugged into the LaunchPad development kit. The
MSP
‑EXP430G2ET LaunchPad development kit comes with an MSP430G2553 MCU by default. The
MSP430G2553 MCU has the most memory available of the compatible entry-level MCUs.
Free software development tools are also available, such as TI's Eclipse-based Code Composer Studio™
IDE (CCS) and IAR Embedded Workbench® for MSP430 IDE (IAR EW430). Both of these IDEs support
EnergyTrace™ technology for real-time power profiling and debugging when paired with the
MSP430G2553 LaunchPad development kit. More information about the LaunchPad development kit,
including documentation and design files, can be found on the MSP430G2553 LaunchPad development
kit tool page.
1.2
Key Features
•
High-quality 20-pin DIP socket for an easy plug-in or removal of the target MCU
•
Supports MSP430G2xx1, MSP430G2xx2, MSP430G2xx3, and MSP430F20xx MCUs in PDIP14 or
PDIP20 packages (see Section 2.9 for a list of supported MCUs)
•
EnergyTrace technology available for ultra-low-power debugging
•
20-pin LaunchPad development kit standard leveraging the BoosterPack plug-in module ecosystem
•
Onboard eZ-FET debug probe
•
1 button and 3 LEDs for user interaction
1.3
What's Included
1.3.1
Kit Contents
•
1x MSP-EXP430G2ET LaunchPad development kit
•
1x micro USB-B cable
•
1x quick start guide
1.3.2
Software Examples
•
Out-of-box software
1.4
First Steps: Out-of-Box Experience
An easy way to get started with the EVM is by using its preprogrammed out-of-box code. It demonstrates
some key features of the EVM.
1.4.1
Connecting to the Computer
Connect the LaunchPad development kit to a computer using the included USB cable. The green power
and yellow LDO LEDs should illuminate. For proper operation, drivers are needed. TI recommends
installing the drivers by installing an IDE such as TI CCS or IAR EW430. Drivers are also available at
http://www.ti.com/MSPdrivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com