Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2112 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2112
Description  600mA CMOS LDO REGULATOR WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2112 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2112 Datasheet HTML 1Page - Diodes Incorporated AP2112 Datasheet HTML 2Page - Diodes Incorporated AP2112 Datasheet HTML 3Page - Diodes Incorporated AP2112 Datasheet HTML 4Page - Diodes Incorporated AP2112 Datasheet HTML 5Page - Diodes Incorporated AP2112 Datasheet HTML 6Page - Diodes Incorporated AP2112 Datasheet HTML 7Page - Diodes Incorporated AP2112 Datasheet HTML 8Page - Diodes Incorporated AP2112 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP2112
Document number: DS39724 Rev. 2 - 2
4 of 18
www.diodes.com
June 2017
© Diodes Incorporated
AP2112
Electrical Characteristics
AP2112-1.2 Electrical Characteristics (@VIN = 2.5V, CIN = 1.0µF (Ceramic), COUT = 1.0µF (Ceramic), Typical TA = +25°C,
unless otherwise specified (Note 6))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = 2.5V, 1mA ≤ IOUT ≤ 30mA
VOUT
*98.5%
1.2
VOUT
*101.5%
V
IOUT(MAX)
Maximum Output Current
VIN = 2.5V, VOUT = 1.182V to 1.218V
600
—
—
mA
(∆VOUT/VOUT)/∆IOUT
Load Regulation
VIN = 2.5V, 1mA ≤ IOUT ≤ 600mA
-1
0.2
1
%/A
(∆VOUT/VOUT)/∆VIN
Line Regulation
2.5V
≤ VIN ≤ 6V, IOUT = 30mA
-0.1
0.02
0.1
%/V
VDROP
Dropout Voltage
IOUT = 10mA
—
1000
1300
mV
IOUT = 300mA
—
1000
1300
IOUT = 600mA
—
1000
1300
IQ
Quiescent Current
VIN = 2.5V, IOUT = 0mA
—
55
80
µA
ISTD
Standby Current
VIN = 2.5V, VEN in OFF mode
—
0.01
1.0
µA
PSRR
Power Supply Rejection Ratio
Ripple 0.5Vp-p
VIN = 2.5V,
IOUT = 100mA
f = 100Hz
—
65
—
dB
f = 1kHz
—
65
—
(∆VOUT/VOUT)/∆T
Output Voltage Temperature
Coefficient
IOUT = 30mA
TA = -40°C to +85°C
—
±100
—
ppm/°C
ISHORT
Short Current Limit
VOUT = 0V
—
50
—
mA
VNOISE
RMS Output Noise
No Load, 10Hz
≤ f ≤ 100kHz
—
50
—
µVRMS
VIH
VEN High Voltage
Enable logic high, regulator on
1.5
—
6.0
V
VIL
VEN Low Voltage
Enable logic low, regulator off
0
—
0.4
tS
Start-up Time
No Load
—
20
—
µs
RPD
EN Pull Down Resistor
—
—
3.0
—
M
Ω
RDCHG
VOUT Discharge Resistor
Set EN pin at Low
—
60
—
Ω
TOTSD
Thermal Shutdown Temperature
—
—
+160
—
°C
THYOTSD
Thermal Shutdown Hysteresis
—
—
+25
—
θJC
Thermal Resistance
(Junction to Case)
SOT25
—
96
—
°C/W
SO-8
—
75
—
SOT89-5
—
47
—
Note 6:
Production testing at TA = +25°C. Over temperature specifications guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com