Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22811 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22811
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22811 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22811 Datasheet HTML 9Page - Diodes Incorporated AP22811 Datasheet HTML 10Page - Diodes Incorporated AP22811 Datasheet HTML 11Page - Diodes Incorporated AP22811 Datasheet HTML 12Page - Diodes Incorporated AP22811 Datasheet HTML 13Page - Diodes Incorporated AP22811 Datasheet HTML 14Page - Diodes Incorporated AP22811 Datasheet HTML 15Page - Diodes Incorporated AP22811 Datasheet HTML 16Page - Diodes Incorporated AP22811 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP22811
Document number: DS39135 Rev. 4 - 2
13 of 17
www.diodes.com
July 2017
© Diodes Incorporated
AP22811
Application Information (Cont.)
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power supply has reached at least 2V, even
if the switch is enabled. Whenever the input voltage falls below approximately 2V, the power switch is quickly turned off. This facilitates the design
of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue of
the output voltage when either no external output resistance or load resistance is present at the output.
Output Reverse-Voltage/ Current Protection
The output reverse-voltage protection turns off the MOSFET switch whenever the output voltage is higher than the input voltage by 50mV for 6ms
and the MOSFET switch will turn on when output reverse-voltage/current conditions is removed.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the small surface-mount packages to pass large current. Using the maximum operating
ambient temperature (TA) and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON) × I
2
Finally, calculate the junction temperature:
TJ = PD x RθJA + TA
Where:
TA = Ambient temperature °C
RθJA = Thermal resistance
PD = Total power dissipation
Board Layout Instruction
Placing input and output capacitors, 1
μF and 0.1μF+100μF respectively, close and next to the device pins must be implemented to minimize the
effects of parasitic inductance. For best performance, all trace lengths should be kept as short as possible. The input and output PCB traces
should be as wide as possible. Use a ground plane to enhance the power dissipation capability of the device.
Ordering Information
AP22811 X X - X
Packing
Package
W5 : SOT25
M8 : MSOP-8
7 : Tape & Reel
13 : Tape & Reel
Enable
A : Active High
B : Active Low
Part Number
Package Code
Packaging
7” and 13” Tape and Reel
Quantity
Part Number Suffix
AP22811AW5-7
W5
SOT25
3000/Tape & Reel
-7
AP22811BW5-7
W5
SOT25
3000/Tape & Reel
-7
AP22811AM8-13
M8
MSOP-8
2500/Tape & Reel
-13
AP22811BM8-13
M8
MSOP-8
2500/ Tape & Reel
-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com