Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

700HTP-2 Datasheet(PDF) 1 Page - Fluke Corporation

Part # 700HTP-2
Description  Hydraulic Test Pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

700HTP-2 Datasheet(HTML) 1 Page - Fluke Corporation

  700HTP-2 Datasheet HTML 1Page - Fluke Corporation 700HTP-2 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PN 4096896
September 2011
2011 Fluke Corporation. All rights reserved. Printed in U.S.A.
All product names are trademarks of their respective companies.
How to Prime the Test Pump
Before you connect the Pump to the Unit Under Test (UUT), the
Pump must be filled with fluid and primed for use. Follow the
directions below to prepare the Pump for use.
1. Fill the Pump with fluid:
a. Remove the Reservoir Filler Cap (item
.)
b. Fill the Hydraulic Fluid Reservoir approximately two-thirds full
(66 cc) with distilled water, mineral oil, or hydraulic oil.
Note
If water is used in the Pump, use only DISTILLED water
and drain the water out of the Pump after use.
c.
Install the Reservoir Filler Cap (item
.) Tighten by hand.
2. Prime the Pump:
a. Adjust the Vernier Fine Adjustment Knob (item
) to the
approximate middle-range.
b. Turn the Pressure Bleed Knob (item
) clockwise until it
stops in the full closed position.
c. Squeeze the handles together to pump fluid. Pump fluid until
fluid shows at the Pump Port.
d. Attach the fluid hose to the Pump.
e. Squeeze the handles together until fluid shows at the end of
the hose.
f.
Attach the fluid hose to the Unit Under Test (UUT) and
squeeze the Pump handles until pressure increases.
g. Bleed the trapped air from the Pump. Pressurize the Pump to
1,000 psi then slowly turn the Pressure Bleed Knob (item
)
counter-clockwise to release pressure.
Notes
• As the pressure rises it will be hard to squeeze the
handles together. Use the Handle Limiter (item
) to
limit the travel of the handles which will make them
easier to squeeze together. To toggle the Handle
Limiter on or off, squeeze the handles together and
push the Handle Limiter (item
) in or out.
• The rate at which the pressure increases is directly
related to the test configuration (hose length and
volume of UUT.)
Replacement Parts
Rebuild Kit, Fluke PN 4097836
Hydraulic Fluid Reservoir Rebuild Kit, Fluke PN 2844341
Handle Assembly Rebuild Kit, Fluke PN 2844352
LIMITED WARRANTY AND LIMITATION OF LIABILITY
This Fluke product will be free from defects in material and workmanship for
one year from the date of purchase. This warranty does not cover fuses,
disposable batteries, or damage from accident, neglect, misuse, alteration,
contamination, or abnormal conditions of operation or handling. Resellers are
not authorized to extend any other warranty on Fluke’s behalf. To obtain
service during the warranty period, contact your nearest Fluke authorized
service center to obtain return authorization information, then send the product
to that Service Center with a description of the problem.
THIS WARRANTY IS YOUR ONLY REMEDY. NO OTHER WARRANTIES,
SUCH AS FITNESS FOR A PARTICULAR PURPOSE, ARE EXPRESSED OR
IMPLIED. FLUKE IS NOT LIABLE FOR ANY SPECIAL, INDIRECT,
INCIDENTAL OR CONSEQUENTIAL DAMAGES OR LOSSES, ARISING
FROM ANY CAUSE OR THEORY. Since some states or countries do not
allow the exclusion or limitation of an implied warranty or of incidental or
consequential damages, this limitation of liability may not apply to you.
Fluke Corporation
P.O. Box 9090
Everett, WA 98206-9090
U.S.A.
Fluke Europe B.V.
P.O. Box 1186
5602 BD Eindhoven
The Netherlands
11/99
Fluke-700HTP-2
Hydraulic Test Pump
Instruction Sheet
Introduction
The Fluke 700HTP-2 Hydraulic Test Pump (the Pump or Product) is a
portable source of high pressure.
Safety
W Warning
To prevent personal injury, use the Product only as
specified, or the protection supplied by the Product can be
compromised.
Pump Specifications
• Maximum pressure: 10,000 psi (690 bar)
• Hydraulic media: distilled water, mineral based hydraulic oil, or up
to hydraulic oil 100 (30 W).
• Wetted materials: 303 stainless steel, aluminum, polyurethane,
PTFE, nitrile, and nylon.
• Weight: 1.29 lb (0.58 kg)
• Dimensions: length 9.5 in (241 mm), width 6.1 in (155 mm), depth
2.6 in (66 mm)
Box Contents
• Model 700HTP-2 Hydraulic Test Pump with a 1/4-inch NPT tee
installed.
• Two 1/4-inch NPT male to 1/4-inch BSP female adapters.
• One 1/4-inch NPT male to 1/4-inch NPT male fitting.
• One 1/4-inch NPT male to 1/8-inch NPT male fitting.
• Instruction Sheet
How to Contact Fluke
To contact Fluke, call one of the following telephone numbers:
• Technical Support USA: 1-800-44-FLUKE
(1-800-443-5853)
• Calibration/Repair USA: 1-888-99-FLUKE
(1-888-993-5853)
• Canada: 1-800-36-FLUKE
(1-800-363-5853)
• Europe: +31 402-675-200
• Japan: +81-3-6714-3114
• Singapore: +65-738-5655
• Anywhere in the world: +1-425-446-5500
Or, visit Fluke's website at www.fluke.com.
To register your product, visit http://register.fluke.com.
To view, print, or download the latest manual supplement, visit
http://us.fluke.com/usen/support/manuals.


Similar Part No. - 700HTP-2

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 7P
700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 8P
700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW-1.5 GAPTEC-700HBAW-1.5 Datasheet
1Mb / 8P
700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW_1.5 GAPTEC-700HBAW_1.5 Datasheet
1Mb / 7P
700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW_1.5 GAPTEC-700HBAW_1.5 Datasheet
1Mb / 8P
700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results

Similar Description - 700HTP-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19286-0117 MOLEX-19286-0117 Datasheet
115Kb / 1P
Putt Pump Hydraulic Head Crimper for
logo
Ralston Instruments.
QTHA-3SS0-VT RALSTON-QTHA-3SS0-VT Datasheet
311Kb / 1P
Male Quick-test x pump, stainless steel, Viton Seals
logo
Molex Electronics Ltd.
19286-0059 MOLEX11-19286-0059 Datasheet
44Kb / 1P
Air Hydraulic Pump
logo
Tyco Electronics
408-8910 MACOM-408-8910 Datasheet
209Kb / 6P
Hydraulic Crimping
408-8914 MACOM-408-8914 Datasheet
129Kb / 4P
Hydraulic Crimping
408-8956 MACOM-408-8956 Datasheet
132Kb / 4P
Hydraulic Crimping
logo
PHOENIX CONTACT
PPS-HYDRAULIC-CYL PHOENIX-PPS-HYDRAULIC-CYL Datasheet
43Kb / 2P
Hydraulic cylinder
logo
Molex Electronics Ltd.
0192860117 MOLEX-0192860117 Datasheet
141Kb / 20P
Manual Putt Pump Hydraulic System, Die set required
03/24/2022
0190780160 MOLEX-0190780160 Datasheet
28Kb / 1P
Electric Hydraulic Pump
08/26/2022
0192860059 MOLEX-0192860059 Datasheet
44Kb / 1P
Air Hydraulic Pump
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com