Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3322 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3322
Description  Heyco짰-Tite Liquid Tight Cordgrips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3322 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3322 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-1
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
Heyco
®-Tite Liquid Tight Cordgrips
Straight-Thru, NPT Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
D
C
B
E
INTEGRAL SEALING RING
Material
Nylon 6/6 w/Buna N or TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E51579
Recognized under the Component Program of Underwriters’
Laboratories File E51579
Certified By Canadian Standard Association File 93876C
Approved for NEMA 4, 4X, 6 and 6P Applications
Flammability Rating
94V-2–Consult factory for V0 material
Temperature Range
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68 (70 PSI, 5 BAR)
• Integral Sealing Ring ensures a
superior seal at the clearance or
threaded mounting hole location,
every time.
• Widest range of approved cable
diameters. Cable ranges listed are for
the maximum IP68 sealing range.
Contact Heyco for UL approved 514B
cable ranges.
• IP 68 rated.
• Approved for NEMA 4, 4X, 6 and 6P
applications.
• Ratchet design of sealing nut
assembly provides superior anti-
vibration protection and ensures a
firm grip on the cable.
• Acme threads on body prevent
skipping and speed installation.
• All nylon construction with Buna N or
TPE sealing gland resists salt water,
weak acids, gasoline, alcohol, oil,
grease, and common solvents.
(This feature is not assessed by UL.)
• Multiple sizes for flexible cord
diameters ranging from .065˝ (1,7 mm)
to 1.730˝ (44,0 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Locknuts not included. For nylon
locknut specifications or to order
locknuts separately, see page 3-47.
• For Heyco Liquid Tight Threaded Plugs,
see page 3-51.
• Consult Heyco for cordgrips molded
in other colors.
SUGGESTED CLEARANCE HOLE
FOR NONTHREADED MOUNTING
A
Internal ratchet
provides self-locking
against vibration.
Domed sealing nut
resists snags, sheds
contaminants.
Buna N
compression
gland for sealing.
Collet design of
body accommodates
various size cords,
cables, tubing.
Acme threads
prevent skipping,
speed installation.
Integral Sealing
Ring provides
light seal at
mounting panel
without O-ring.
CABLE DIA. RANGE
PART NO.
DESCRIPTION
PART DIMENSIONS
A
BC
D
E
Minimum
Maximum
Black
Gray
or
Clearance
Max. O.A.
Thread
Wrenching Nut
Hole Dia.
Length
Length
Thk.
Flat Size
in.
mm.
in.
mm.
in.
mm.
in. mm.
in. mm.
in.
mm.
in.
mm.
.065
1,7
.210
5,3
M4514
M4515
RLTCG 1/4
.540 13,7 1.29 32,8 .45 11,4
.21
5,3
.63
16,0
.115
2,9
.250
6,4
M4516
M4517
LTCG 1/4
.065
1,7
.230
5,8
M3458
M3459
RLTCG 3/8
.680 17,3 1.41 35,8 .49 12,4
.21
5,3
.82
20,8
.105
2,7
.315
8,0
M3228
M3229
LTCG 3/8
.095
2,4
.290
7,4
M4518
M4519
RLTCG 1/2
.875 22,2 1.70 43,2 .61 15,5
.21
5,3
.98
24,9
.170
4,3
.450 11,4
M3231
M3232
LTCG 1/2
.180
4,6
.400 10,2
M4520
M4521
RLTCG LL 1/2
.875 22,2 1.68 42,7 .44 11,2
.25
6,4
1.06
26,9
.260
6,6
.545 13,8
M3200
M3201
LTCG LL 1/2
.250
6,4
.490 12,4
M3460
M3461
RLTCG 3/4
1.040 26,4 2.00 50,8 .62 15,7
.25
6,4
1.30
33,0
.420 10,7
.630 16,0 M3234GA M3235GA
.435 11,0
.705 17,9
M3234
M3235
LTCG 3/4
.490 12,4
.785 19,9
M8439
M8440
RLTCG 1
1.326 33,7 2.41 61,2 .76 19,3
.30
7,6
1.73
43,9
.590 15,0 1.000 25,4
M8437
M8438
LTCG 1
.787 20,0 1.020 25,9
M4522
M4523
RLTCG 1-1/4
1.680 42,7 2.69 68,3 .78 19,8
.30
7,6
2.05
52,1
.865 22,0 1.260 32,0
M4524
M4525
LTCG 1-1/4
1.000 25,4 1.240 31,5
M3319
M3320
RLTCG 1-1/2
1.230 31,2 1.560 39,6
M3317
M3318
LTCG 1-1/2
1.920 48,8 2.81 71,3 .77 19,6
.36
9,1
2.46
62,5
1.160 29,5 1.350 34,3
M3323
M3324
RLTCG 2
1.450 36,8 1.730 43,9
M3321
M3322
LTCG 2
2.400 60,8 2.93 74,3 .79 20,1
.42
10,7
2.73
69,3
Standard colors black and gray.
NO O-RING
REQUIRED!


Similar Part No. - M3322

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3322 HEYCO-M3322 Datasheet
289Kb / 1P
Tite Liquid Tight Cordgrips
More results

Similar Description - M3322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5062 ETC-M5062 Datasheet
152Kb / 1P
Heyco짰-Tite Aluminum Liquid Tight Cordgrips
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com