Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSXCUSBMBP Datasheet(PDF) 1 Page - Schneider Electric

Part # TSXCUSBMBP
Description  USB gateway - Modbus Plus bus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TSXCUSBMBP Datasheet(HTML) 1 Page - Schneider Electric

  TSXCUSBMBP Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
TSXCUSBMBP
USB gateway - Modbus Plus bus
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Magelis XBT
Accessory / separate
part category
Communication accessories
Accessory / separate
part type
Gateway
Accessory / separate
part designation
USB gateway
Accessory / separate
part destination
Terminal
Bus type
Modbus Plus
Complementary
Product compatibility
XBTGT....
XBTGTW...
XBTGK....
Ordering and shipping details
Category
18225 - PLC NTWRK HRDWR & PROWORX SOFTWARE
Discount Schedule
PC41
GTIN
00785901580300
Nbr. of units in pkg.
1
Package weight(Lbs)
0.73999999999999999
Returnability
Y
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  1001  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product Environmental Profile
Product end of life instructions
Need no specific recycling operations
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov
Contractual warranty
Warranty period
18 months


Similar Part No. - TSXCUSBMBP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TSXCUSB232 SCHNEIDER-TSXCUSB232 Datasheet
63Kb / 2P
TSXCUSB232 connection cord set for PC terminal - 0.4 m
Mar 09, 2017
logo
List of Unclassifed Man...
TSXCUSB485 ETC2-TSXCUSB485 Datasheet
46Kb / 1P
connection cord set for PC terminal
More results

Similar Description - TSXCUSBMBP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
1-port Modbus Gateway
EKI-1224 ADVANTECH-EKI-1224 Datasheet
241Kb / 1P
4-port Modbus Gateway
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
Wireless Modbus RTU Gateway
EKI-1221 ADVANTECH-EKI-1221_15 Datasheet
428Kb / 2P
1-port Modbus Gateway
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
Modbus gateway
logo
Weidmuller
1504460000 WEIDMULLER-1504460000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
1504470000 WEIDMULLER-1504470000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
Wireless Modbus RTU Gateway
20-Sep-2016
logo
Schneider Electric
XBTZGUMP SCHNEIDER-XBTZGUMP Datasheet
116Kb / 2P
Harmony XBT - USB gateway - for for XBTGK,XBTGT terminal - Modbus Plus bus
May 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com