Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660E Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # SC660E
Description  SMBus System Clock Buffer for Mobile Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SC660E Datasheet(HTML) 5 Page - Cypress Semiconductor

  SC660E Datasheet HTML 1Page - Cypress Semiconductor SC660E Datasheet HTML 2Page - Cypress Semiconductor SC660E Datasheet HTML 3Page - Cypress Semiconductor SC660E Datasheet HTML 4Page - Cypress Semiconductor SC660E Datasheet HTML 5Page - Cypress Semiconductor SC660E Datasheet HTML 6Page - Cypress Semiconductor SC660E Datasheet HTML 7Page - Cypress Semiconductor SC660E Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SC660E
SMBus System Clock Buffer for Mobile Applications
Cypress Semiconductor Corporation
3901 North First Street
Document#: 38-07025 Rev. *A
12/17/2002
San Jose, CA 95134. Tel: 408-043-2600
Page 5 of 8
http://www.cypress.com
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL
-
-
0.8
Vdc
-
Input High Voltage
VIH
2.0
-
-
Vdc
-
Input Low Current
IIL
-66
µA
Input High Current
IIH
66
µA
Output Low Voltage
IOL = 40mA
VOL
-
-
0.4
Vdc
All Outputs (see buffer spec)
Output High Voltage
IOH = 30mA
VOH
2.4
-
-
Vdc
All Outputs Using 3.3V Power
(see buffer spec)
Tri-State leakage Current
Ioz
-
-
10
µA
Dynamic Supply Current
Idd66
-
-
160
mA
Input frequency = 66 Mhz - All outputs on
and at 30 pF load
Idd100
-
-
220
mA
Input frequency 100 Mhz - All outputs on
and at 30 pF load
Static Supply Current
Isdd
-
-
4
mA
All outputs disabled no input clock
Short Circuit Current
ISC
25
-
-
mA
1 output at a time - 30 seconds
Input Rise Time
TIR
2.4
-
-
nS
.8 to 2.4 volts
VDD = VDD1 thru VDD5 =3.3V
±5%, , TA = -40ºC to +85ºC
Switching Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Output Duty Cycle
-
45
50
55
%
Measured at 1.5V (50/50 in)
Buffer out/out Skew All
Buffer Outputs
tSKEW
-
-
250
pS
35 pF Load Measured at 1.5V
Buffer input to output Skew
tSKEW
2.0
4.0
5.0
nS
Jitter Cycle to Cycle*
TJCC
50
pS
@ 35 pF loading
Jitter Absolute (Peak to
Peak)*
TJabs
150
pS
@ 35 pF loading
VDD = VDD1 thru VDD5 = 3.3V
±5%, , TA = -40ºC to +85ºC
*This jitter is additive to the input clock’s jitter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com