Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232CDT Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 232CDT
Description  RS-232 Data Taps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

232CDT Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  232CDT Datasheet HTML 1Page - Advantech Co., Ltd. 232CDT Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232
9PCDT
Straight Through Ports: (1) DB9 Male, (1) DB9 Female
Monitoring Port: DB9 Female
232CDT
Straight Through Ports: (1) DB25 Male, (2) DB25 Female
Monitoring Port: (1) DB25 Female
Installation
In-line
MECHANICAL
Weight
9PCDT: 63.5 grams (0.14 lbs)
232CDT: 90.7 grams (0.2 lbs)
ENVIRONMENTAL
Operating
Temperature
0 to +70 °C (+32 to +185 °F)
Storage
Temperature
-40 to +85 °C (-40 to +185 °F)
Operating
Humidity
0 to 95% Non-Condensing
MTBF, 232CDT
1637197
MTBF Calc.
Method
Parts Count Reliability Prediction
APPROVALS / CERTIFICATIONS - 9PCDT
2011/65/EU - Reduction of Hazardous Substances Directive
2012/19/EU - Waste Electrical and Electronic Equipment (WEEE)
RS-232 Data Taps
9PCDT, 232CDT
Tap in on a serial data stream and transparently feed another monitor, printer or
other device.
Model 9PCDT allows an RS-232 port to tap into and check data being
transmitted between two other RS-232 ports. DIP switches set programming to
monitor the main Transmit and Receive lines individually or together. Choose
between monitoring the DCE or DTE port. Also allows the monitoring port to be
either DTE or DCE. The DTE connector is male, and DCE and TAP connectors
are female.
Model 232CDT has DIP switches that allow you to monitor the main Transmit
and Receive lines individually or together. The male RS-232 connector on the
top and the female RS-232 connector on the bottom are connected straight
through, pin for pin. These connectors are used to connect the device – in
series – with the RS-232 line to be tapped.
• Monitor and record serial data streams
• Easy to install, may be left in place
• Transparent connections
• No external power required
PRODUCT FEATURES
ACCESSORIES
9PAMF6 - DB9 Male To DB9 Female, 6 ft.
232CAMS - DB9 Female to DB25 Male, 6 in
232AMF5 - DB25 Male to DB25 Female, 6 ft.
232SGM - DB25 Gender Reverser – Changes Female Port to Male (M to M)
232SGF - DB25 Gender Reverser – Changes Male Port to Female (F to F)
ORDERING INFORMATION
MODEL
NUMBER
STRAIGHT
THROUGH CONNECTORS
MONITORING PORT
9PCDT
(1) DB9 Male, (1) DB9 Female
DB9 Female
232CDT
(1) DB25 Male, (2) DB25 Female
DB25 Female
232CDT
9PCDT
9PCDT & 232CDT_1317ds


Similar Part No. - 232CDT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
RS232 RADIO MODEM
logo
Advantech Co., Ltd.
232CAM ADVANTECH-232CAM Datasheet
326Kb / 1P
Ready-to-use cabling call for custom lengths
232CAM10 ADVANTECH-232CAM10 Datasheet
326Kb / 1P
Ready-to-use cabling call for custom lengths
232CAMR ADVANTECH-232CAMR Datasheet
326Kb / 1P
Ready-to-use cabling call for custom lengths
logo
List of Unclassifed Man...
232CL9R ETC-232CL9R Datasheet
95Kb / 2P
9 Pin RS-232 to Current Loop Converter
More results

Similar Description - 232CDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
5V RS-232
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
RS-232 Interface
logo
Advantech Co., Ltd.
BB-9PMDS ADVANTECH-BB-9PMDS Datasheet
399Kb / 1P
RS-232 Modem Data Splitter
logo
Pepperl+Fuchs Inc.
KFD2-FF-EX2.RS232 PF-KFD2-FF-EX2.RS232 Datasheet
1Mb / 4P
RS 232 Repeater
logo
Advantech Co., Ltd.
BB-232CDT ADVANTECH-BB-232CDT Datasheet
497Kb / 2P
RS-232 Data Taps
BB-UDS ADVANTECH-BB-UDS Datasheet
206Kb / 1P
RS-232 Universal Data Splitter
ULI-252D ADVANTECH-ULI-252D Datasheet
355Kb / 1P
RS-232 Data Tap
10-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com