Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK1AW32SC Datasheet(PDF) 12 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 12 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 8Page - Intel Corporation STK1AW32SC Datasheet HTML 9Page - Intel Corporation STK1AW32SC Datasheet HTML 10Page - Intel Corporation STK1AW32SC Datasheet HTML 11Page - Intel Corporation STK1AW32SC Datasheet HTML 12Page - Intel Corporation STK1AW32SC Datasheet HTML 13Page - Intel Corporation STK1AW32SC Datasheet HTML 14Page - Intel Corporation STK1AW32SC Datasheet HTML 15Page - Intel Corporation STK1AW32SC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
1.4
Processor
The Intel Compute Stick has a soldered-down System-on-a-Chip (SoC), which consists of an Intel
Atom Processor x5-Z8300 or x5-Z8330.
Integrated Intel® HD Graphics
Integrated memory controller
Integrated PCH
1.5
System Memory
The Intel Compute Stick has soldered-down memory and supports the following memory
features:
DDR3L-RS 1600 MHz
Single-channel memory
2 GB total memory
Refer to Section 2.1.1 on page 17 for information on the total amount of addressable memory.
1.6
System Storage
The Intel Compute Stick has soldered-down storage using an Embedded MultiMediaCard (eMMC)
component. All Compute Sticks have 32 GB of total storage.
NOTE
STK1AW32SC uses a portion of this total storage for the operating system.
1.7
Processor Graphics Subsystem
The Intel Compute Stick supports graphics through Intel HD Graphics.
1.7.1
Integrated Graphics
The Intel Compute Stick supports integrated graphics via the processor.
1.7.1.1
Intel® High Definition (Intel® HD) Graphics
The Intel HD graphics controller features the following:
 HDMI 1.4b
 3D graphics hardware acceleration supporting DirectX* 11.1, OpenCL 1.2, OGL ES 3.0, OpenGL
4.3
 Video decode hardware acceleration supporting H.263, H.264, H.265, MPEG2, MPEG4, JPEG,
MVC, VC1, VP8 and VP9 formats
 Video encode hardware acceleration supporting H.263, H.264, JPEG and MVC formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com