Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR20H40CDF Datasheet(PDF) 21 Page - Everspin Technologies Inc.

Part # MR20H40CDF
Description  50MHz/20ns tSCK 4Mb SPI Interface MRAM / 40MHz/25ns tSCK 4Mb SPI Interface MRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.

MR20H40CDF Datasheet(HTML) 21 Page - Everspin Technologies Inc.

Back Button MR20H40CDF Datasheet HTML 17Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 18Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 19Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 20Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 21Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 22Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 23Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 24Page - Everspin Technologies Inc. MR20H40CDF Datasheet HTML 25Page - Everspin Technologies Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Copyright © Everspin Technologies 2020
21
MR20H40 / MR25H40
MR20H40 / MR25H40 Revision 12.6, 8/2020
Table 14 – MR25H40 (fSCK = 40MHz) AC Timing Parameters
Commercial Industrial, Extended and AEC-Q100 Grade 1 Temperature Ranges, VDD=3.0 to 3.6 V, CL= 30 pF
for all values.
Symbol
Parameter
Temp Grade
Min
Typical
Max
Unit
fSCK
SCK Clock Frequency
All
0
-
40
MHz
tRI
Input Rise Time
All
-
-
50
ns
tRF
Input Fall Time
All
-
-
50
ns
tWH
SCK High Time
All
11
-
-
ns
tWL
SCK Low Time
All
11
-
-
ns
Synchronous Data Timing see Figure 15
tCS
CS High Time
All
40
-
-
ns
tCSS
CS Setup Time
All
10
-
-
ns
tCSH
CS Hold Time
All
10
-
-
ns
tSU
Data In Setup Time
All
5
-
-
ns
tH
Data In Hold Time
All
5
-
-
ns
tV
Output Valid
Comm./Ind./Ext.
0
-
9
ns
AEC-Q100 Grade 1
0
-
10
ns
tHO
Output Hold Time
All
0
-
-
ns
Table continues next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com