Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR25H40CDF Datasheet(PDF) 4 Page - Everspin Technologies Inc.

Part # MR25H40CDF
Description  50MHz/20ns tSCK 4Mb SPI Interface MRAM / 40MHz/25ns tSCK 4Mb SPI Interface MRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.

MR25H40CDF Datasheet(HTML) 4 Page - Everspin Technologies Inc.

  MR25H40CDF Datasheet HTML 1Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 2Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 3Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 4Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 5Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 6Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 7Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 8Page - Everspin Technologies Inc. MR25H40CDF Datasheet HTML 9Page - Everspin Technologies Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright © Everspin Technologies 2020
MR20H40 / MR25H40
4
MR20H40 / MR25H40 Revision 12.6 8/2020
Figure 15 – Synchronous Data Timing................................................................................................................23
Figure 16 – HOLD Timing........................................................................................................................................23
PART NUMBERS AND ORDERING .................................................................................................... 24
Table 15 – Part Numbering System......................................................................................................................24
Table 16 – Ordering Part Numbers.......................................................................................................................25
PACKAGE OUTLINE DRAWINGS....................................................................................................... 26
Figure 17 – DFN Package Outline........................................................................................................................26
Figure 18 – DFN Small Flag Package....................................................................................................................27
REVISION HISTORY ........................................................................................................................... 28
HOW TO REACH US ........................................................................................................................... 29
Table of Contents (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com