Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC15WNA-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # AC15WNA-R
Description  AC15WNA ??Two Wire Power Cord for North America
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

AC15WNA-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  AC15WNA-R Datasheet HTML 1Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WWW.PHIHONG.COM
AC15WNA – Two Wire Power Cord for North America
Specifications
• Plug Type: NEMA 1-15P
• Connector: IEC320 C7
• Wire Size 18AWG
• Temperature: 60°C
• Amperage Rating: 10A
• Voltage Rating: 125V
Safety Approvals
• CSA
• UL
Dimension Diagram Unit: inches
Compatibility Guide
Adapters
Power over Ethernet
PSAA15W-050L6
PSAC60W-120
POE21W-1AF
PSAA15W-120L6
PSAC60W-180
POE29W-1AT
PSAA15W-180L6
PSAC60W-240
POE29W-560
PSAA15W-240L6
PSAC60W-480
POE61W-560D
PSAA15W-480L6
PSAC60W-560
POE61W-560DG
PSAC45W-120
PSM36W-120L6
POE16R-1AF/POE16R-1AFG when
fitted w/RPX interchangeable AC clip
PSAC45W-180
Any R-series adapter fitted
w/RPX interchangeable AC clip
PSAC45W-240
PSAC45W-480
PSAC45W-560
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.


Similar Part No. - AC15WNA-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC15 PHILIPS-AC15 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC15 ETC1-AC15 Datasheet
398Kb / 24P
Cemented wirewound resitors
logo
YAGEO Corporation
AC15 YAGEO-AC15 Datasheet
118Kb / 22P
Cemented wirewound resistors
1998 Nov 18
logo
Anachip Corp
AC1501 ANACHIP-AC1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Intronics Power, Inc.
AC1501S INTRONICS-AC1501S Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - AC15WNA-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-US-3 CUI-SMI-US-3 Datasheet
607Kb / 2P
NORTH AMERICA BLADE
SMI-US-3L CUI-SMI-US-3L Datasheet
349Kb / 2P
NORTH AMERICA BLADE
AC-C7-NA CUI-AC-C7-NA Datasheet
109Kb / 2P
AC CORD, NORTH AMERICA
AC-C13-NA CUI-AC-C13-NA Datasheet
108Kb / 2P
3 PRONG AC CORD, NORTH AMERICA
SMI-US-5 CUI-SMI-US-5 Datasheet
165Kb / 2P
NORTH AMERICA BLADE
SMI-US-5W CUI-SMI-US-5W Datasheet
215Kb / 2P
NORTH AMERICA BLADE
01/20/2021
SMI-US-3 CUI-SMI-US-3_V01 Datasheet
570Kb / 2P
NORTH AMERICA BLADE
06/20/2019
AC-C13-NA CUI-AC-C13-NA_V01 Datasheet
271Kb / 2P
3 PRONG AC CORD, NORTH AMERICA
10/25/2022
logo
CUI Devices
AC-C13NA CUID-AC-C13NA Datasheet
272Kb / 2P
3 PRONG AC CORD, NORTH AMERICA
10/25/2022
AC-C13-NA CUID-AC-C13-NA Datasheet
272Kb / 2P
3 PRONG AC CORD, NORTH AMERICA
10/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com