Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SP Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC G9SP Datasheet HTML 10Page - Omron Electronics LLC G9SP Datasheet HTML 11Page - Omron Electronics LLC G9SP Datasheet HTML 12Page - Omron Electronics LLC G9SP Datasheet HTML 13Page - Omron Electronics LLC G9SP Datasheet HTML 14Page - Omron Electronics LLC G9SP Datasheet HTML 15Page - Omron Electronics LLC G9SP Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
G9SP
13
Note: The above PL is only the evaluation result of the example. The PL must be evaluated in an actual application by the customer after confirming
the usage conditions.
● Application Overview 2
• The power supply to the motor M is turned OFF immediately when the emergency stop switch S1 is pressed.
• The power supply to the motor M is turned OFF immediately when the S2 detects that the guard is opened.
• The power supply to the motor M is kept OFF until the reset switch S3 is pressed while the guard is closed and the emergency stop switch S1
is released.
Highest achievable
PL/safety category
Model
Stop category
Reset
PLe/4 equivalent
Non-contact Door Switch D40Z
Emergency Stop Switch A165E/A22E
Safety Controller G9SP
0
Manual
S1: Emergency stop switch
S2: Non-contact door switch (D40Z)
S3: Reset switch
KM1, KM2: Magnetic contactors
M: Motor
24 VDC
11
12
21
22
24 VDC
S2
PLC etc.
Guard
COM
IN
24 VDC
S1
S3
M
KM1
KM1
KM2
KM2
Si2
Si3
V1
Si0
Si1
Si4
Si5
V2
So0
T0
T1
T2
T3
G2
KM1
KM2
T4
G1
So1
Black
White
Brown
Blue
Yellow
Gray
Emergency stop switch operation
Emergency stop switch S1
Reset switch S3
KM1 and KM2
EDM feedback
Non-contact switch S2
More than 350 ms
More than 350 ms
TEDM
More than 350 ms
Close
Open
Idle
Run
Open
Close
TEDM
TEDM
TEDM
TEDM
Timing chart
● Safety I/O Terminal Settings
Input Terminals
Output Terminals
● Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com