Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # GLS
Description  Magnetic Proximity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

GLS Datasheet(HTML) 1 Page - Omron Electronics LLC

  GLS Datasheet HTML 1Page - Omron Electronics LLC GLS Datasheet HTML 2Page - Omron Electronics LLC GLS Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
Magnetic Proximity Sensor
GLS
Easy-to-Use Magnetic Proximity
Sensor
H Compact reed-switch size saves space
on machines
H Ideal for door and cover closures in
applications without operator hazards
H Separate sensor and magnet parts
allow multiple magnet positions for a
single sensor to detect
Ordering Information
Description
Part number
Sensor and magnet set
GLS-1
Sensor only
GLS-S1
Magnet only
GLS-M1
Specifications
J RATINGS
Sensing distance
15 mm (0.59 in) min. under the conditions specified in
Precautions
Contact circuit
SPST-NO
Switching capacity
10 W max. at 100 VDC and 0.1 A max.
Contact dielectric strength
250 VDC for 1 min at a leakage current of 1 mA max.
Response frequency
20 Hz max.
Ambient
temperature
Operating
–20
°C to 60°C (–4°F to 140°F) with no icing
Contact resistance
150 m
Ω max.
Dielectric strength
1,000 VAC for 1 min between each terminal and non-charged part
Life expectancy
50,000,000 times min. with 0.1-A resistive load at 24 VDC
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm (0.059 in) double amplitude for 2 hours each in X, Y, and Z
directions
Shock resistance
Destruction: 300 m/s2 (984 ft/sec2) approx. 30G in X, Y, and Z directions.
Material
Case
ABS
Sensing face
ABS
Enclosure rating
IP40


Similar Part No. - GLS

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS27SF010 GREENLIANT-GLS27SF010 Datasheet
951Kb / 23P
Many-Time Programmable Flash
GLS27SF020 GREENLIANT-GLS27SF020 Datasheet
951Kb / 23P
Many-Time Programmable Flash
GLS27SF512 GREENLIANT-GLS27SF512 Datasheet
951Kb / 23P
Many-Time Programmable Flash
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
1 Mbit (128K x8) Page-Write EEPROM
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
512 Kbit (64K x8) Page-Write EEPROM
More results

Similar Description - GLS

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLMA0100 CELDUC-PLMA0100 Datasheet
324Kb / 2P
MAGNETIC PROXIMITY SENSOR
PSC42000 CELDUC-PSC42000 Datasheet
328Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com