Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWRANGE Datasheet(PDF) 1 Page - Brainboxes Limited

Part # SWRANGE
Description  4 Port Unmanaged Ethernet Switch DIN Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

SWRANGE Datasheet(HTML) 1 Page - Brainboxes Limited

  SWRANGE Datasheet HTML 1Page - Brainboxes Limited SWRANGE Datasheet HTML 2Page - Brainboxes Limited SWRANGE Datasheet HTML 3Page - Brainboxes Limited SWRANGE Datasheet HTML 4Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
GB AEOF 00031/11
• 4 Port 10/100 Mbs Ethernet Switch
• Redundant dual power inputs: +5V to
+30V DC
• Compact design with integral DIN
mount
• No software required - Simply plug in
and connect
• Industrial temperature range
Integral DIN mount and slim
design takes up minimal
cabinet space
Non conducting polyamide
casing with removable
numbered power terminal for
easy wiring
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
4 Port Unmanaged Ethernet Switch DIN Mountable
Industrial 4 Port Ethernet Switch 10/100
SW-504


Similar Part No. - SWRANGE

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
SWRANGE BRAINBOXE-SWRANGE Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
More results

Similar Description - SWRANGE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
Unmanaged 4-Port 1000 Mbps Ethernet Switch
logo
Glenair, Inc.
050_119 GLENAIR-050_119 Datasheet
635Kb / 15P
4-Port Unmanaged Ethernet Switch
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
4-Port Unmanaged Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
8-port unmanaged Ethernet switch
logo
Brainboxes Limited
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-505 BRAINBOXE-SW-505 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch Compact DIN Mountable
2016
logo
Black Box Registered Tr...
SW-005 BLACKBOX-SW-005 Datasheet
900Kb / 4P
5 Port Unmanaged Ethernet Switch Wall Mountable
SW-008 BLACKBOX-SW-008 Datasheet
913Kb / 4P
8 Port Unmanaged Ethernet Switch Wall Mountable
SW-015 BLACKBOX-SW-015 Datasheet
970Kb / 4P
5 Port Unmanaged Gigabit Ethernet Switch Wall Mountable
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch 10/100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com