Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFFPL4IW Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CFFPL4IW
Description  Mini-Com짰 Modular Furniture Faceplates
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFFPL4IW Datasheet(HTML) 2 Page - PANDUIT CORP.

  CFFPL4IW Datasheet HTML 1Page - PANDUIT CORP. CFFPL4IW Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
OTSP32--WW-ENG
Replaces WW-OTSP19
1/2015
Mini-Com® Modular Furniture Faceplates
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Dimensions are in inches [Dimensions in parenthesis are metric]
2 Module Space Sloped (CFFPA2)
4 Module Space (CFFP4 & CFFPL4)
4 Module Space Sloped with labels (CFFPLA4)
3 Module Space Knoll Equity^^
(CFFPKE3)
Extender (MFFPE)
4 Module Space Herman Miller^
(CFFPHM4)
4 Module Space Sloped Herman Miller^
Ethospace Beltline (CFFPEBSL4)
3 Module Space Knoll Morrison^^^
(CFFPE3)
2.90
(73.7)
.70
(19.33)
1.70
(43.3)
1.38
(34.9)
2.69
(68.2)
3.69
(93.6)
2.19
(55.6)
.50
(12.7)
1.77
(45.0)
2.90
(73.7)
.88
(22.4)
.40
(10.2)
.88
(22.4)
3.64
(82.5)
2.08
(53.0)
.40
(10.2)
.093
(2.36)
2.91
(73.9)
1.70
(43.3)
1.20
(30.5)
1.78
(45.3)
30°
.73
(18.4)
45°
.92
(23.37)
.34
(8.7)
2.39
(60.6)
3.71
(94.1)
2.65
(67.3)
2.56
(65.1)
3.38
(85.8)
1.22
(31.0)
1.48
(37.7)
3.65
(92.6)
1.95
(49.5)
1.25
(31.8)
3.50
(88.8)
1.17
(29.8)
.90
(22.9)
1.70
(43.3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com