Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANN-MB Datasheet(PDF) 4 Page - u-blox AG

Part # ANN-MB
Description  Multi-band, high precision GNSS antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ANN-MB Datasheet(HTML) 4 Page - u-blox AG

  ANN-MB Datasheet HTML 1Page - u-blox AG ANN-MB Datasheet HTML 2Page - u-blox AG ANN-MB Datasheet HTML 3Page - u-blox AG ANN-MB Datasheet HTML 4Page - u-blox AG ANN-MB Datasheet HTML 5Page - u-blox AG ANN-MB Datasheet HTML 6Page - u-blox AG ANN-MB Datasheet HTML 7Page - u-blox AG ANN-MB Datasheet HTML 8Page - u-blox AG ANN-MB Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ANN-MB series - Data Sheet
UBX-18049862 - R04
Overview
Page 4 of 12
Production Information
1 Overview
The u-blox ANN-MB multi-band (L1, L2/E5b/B2I) active GNSS antennas are designed to reduce time
to market for the next generation of high precision GNSS applications, which require highly accurate
location information. The compact design, excellent price to performance ratio, and versatile
mounting and connector choices provide customers with fast, easy, and reliable multi-band antenna
solutions. The ANN-MB antenna is a perfect match to the latest u-blox F9 platform, including the
ZED-F9P module, thus providing customers with a valuable antenna solution to minimize design-in
efforts.
The ANN-MB series includes a high-performance multi-band RHCP dual-feed patch antenna element,
a built-in high-gain LNA with SAW pre-filtering, and a 5 m antenna cable with three connector options
(SMA, SMB, MCX).
2 Electrical specification
Patch antenna specification
Parameter
L1 Band
L2/E5b/B2I Band
Frequency 1
1559-1606 MHz
1197-1249 MHz
Impedance 1
50
Ω
50
Ω
Gain 1
Typ. 3.5 dBic (Zenith)
Typ. 0.0-2.0 dBic (Zenith)
Axial ratio 1
Max. 2.0 dB (Zenith)
Max. 2.0 dB (Zenith)
Polarization 1
RHCP
RHCP
Table 1: Patch antenna element specification
Amplifier specification
Parameter
L1 Band
L2/E5b/B2I Band
Frequency
1559-1606 MHz
1197-1249 MHz
Impedance
50
Ω
50
Ω
LNA Gain 2,3
Typ. 28
± 3.0 dB
Typ. 28
± 3.0 dB
LNA Noise Figure 2,3
Max. 2.8 dB
Max. 3.2 dB
Output VSWR
Max. 2.0
Max. 2.0
Cable Insertion Loss (RG-174, length 5 m)
Typ. 6.6 dB
Typ. 5.6 - 6.6 dB
Total Gain 2,4
Typ. 21.4 dB
Typ. 21.4 - 22.4 dB
Out-of-band rejection
min. 100 MHz from GNSS band edges
at selected cellular bands
Typ. 65 dB (at <1459 MHz), 70 dB
(>1706 MHz)
Typ. 85 / 80 / 70 / 75 / 80 dB (at 698 /
960 / 1710 / 2170 / 2690 MHz)
Typ. 50 dB (at <1097 MHz), 75 dB
(>1349 MHz)
Typ. 65 / 45 / 45 / 75 / 80 dB (at 698 /
960 / 1710 / 2170 / 2690 MHz)
Supply voltage 5
3.0 - 5.0 V
Supply current 2,5
Typ. 15 mA
Table 2: Amplifier specification
1 Measured on a ø15 cm ground plane. Measured values include the antenna feed network (hybrid coupler).
2 Measured using 5.0 V supply voltage
3 Includes LNA and SAW pre-filter section
4 Includes LNA Gain and Cable Insertion Loss
5 Single supply for L1 and L2/E5b/B2I bands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com