Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JP4ZP Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # JP4ZP
Description  J-Pro??Cable Support System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

JP4ZP Datasheet(HTML) 3 Page - PANDUIT CORP.

  JP4ZP Datasheet HTML 1Page - PANDUIT CORP. JP4ZP Datasheet HTML 2Page - PANDUIT CORP. JP4ZP Datasheet HTML 3Page - PANDUIT CORP. JP4ZP Datasheet HTML 4Page - PANDUIT CORP. JP4ZP Datasheet HTML 5Page - PANDUIT CORP. JP4ZP Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J-Pro™ Cable Support System
J-Pro™ Cable Support System
J-Pro™ Cable Support System
JP2W-L20
JP2WP2B-L20
JP2DW-L20
JP2CMB-L20
Ordering Information
Wall Mount
Part Number
Part Description
Max. Bundle
Capacity
Max. Cable Capacity*
Material**
Std.
Pkg.
Qty.
In.
mm
Category 6A-SD/6A
(0.30")
Category 6
(0.24")
Category 5e
(0.23")
JP75W-L20
J Hook for wall mount
applications. One
1/4" (M6) mounting
hole for user supplied
fastener. Not for use
with powder
actuated fasteners.
0.75 19.0
5
8
10
Nylon 6.6
50
JP131W-L20
1.31 33.3
15
25
29
50
JP2W-L20
2.00 50.8
30
46
55
50
JP4W-X20
4.00 101.6
115
180
200
50
Wall Mount with Bracket
JP75WP2B-L20
J Hook for powder
actuated installation
on walls. One 5/32"
(M4) mounting
hole and one 1/4"
(M6) mounting
hole for user
supplied fasteners.
0.75 19.0
5
8
10
Nylon 6.6
J Hook
with metal
attachments
50
JP131WP2B-L20
1.31 33.3
15
25
29
50
JP2WP2B-L20
2.00 50.8
30
46
55
50
JP4WP2B-X20
4.00 101.6
115
180
200
50
Ceiling Mount
JP75CMB-L20
J Hook with ceiling
mount bracket
that has one 3/16"
(M5), 1/4" (M6),
and 3/8" (M10)
mounting hole.
0.75 19.0
5
8
10
Nylon 6.6
J Hook
with metal
attachments
50
JP131CMB-L20
1.31 33.3
15
25
29
50
JP2CMB-L20
2.00 50.8
30
46
55
50
JP4CMB-X20
4.00 101.6
115
180
200
10
Drop Wire and Threaded Rod Clip
JP75DW-L20
J Hook with clip for
use with #12 wire
and threaded rod
up to 3/8" (9.5mm)
in diameter.
0.75 19.0
5
8
10
Nylon 6.6
J Hook
with metal
attachments
50
JP131DW-L20
1.31 33.3
15
25
29
50
JP2DW-L20
2.00 50.8
30
46
55
50
JP2W-L20
JP2WP2B-L20
JP2CMB-L20
JP2DW-L20
*The above cable diameters represent the nominal Panduit cable diameter per performance level.
For specific cable fill information based on specific part numbers, please contact customer service.
**Suitable for use in air handling spaces in accordance with Sec. 300.22(C) and (D) of the National Electrical Code when mounted
as single units or in pairs. JP4 family of parts suitable for use in single unit configurations only.
Listed in accordance with CAN/ULC S102.2 when mounted as single units or in pairs. Minimum spacing of 4' (1220mm)
required between mount points. (Flame Spread Rating = 0, Smoke Developed Classification = 20)
JP2HBC25RB-L20
JP2UF100-L20
Hammer-On Beam Clamps
Part Number
Part Description
Max. Bundle
Capacity
Max. Cable Capacity*
Material**
Std.
Pkg.
Qty.
In.
mm
Category
6A-SD/6A
(0.30")
Category
6
(0.24")
Category
5e
(0.23")
JP75HBC25RB-L20
J hook with hammer-
on beam clamp for
use with flanges
1/8" – 1/4"
(3.2mm – 6.4mm) thick.
Rotates 360 degrees.
0.75 19.0
5
8
10
Nylon 6.6
J hook
with metal
attachments
50
JP131HBC25RBL20
1.31 33.3
15
25
29
50
JP2HBC25RB-L20
2.00 50.8
30
46
55
50
JP4HBC25RB-X20
4.00 101.6
115
180
200
50
JP75HBC50RB-L20
J hook with hammer-
on beam clamp for
use with flanges
5/16" – 1/2" (7.9mm
–12.7mm) thick.
Rotates 360 degrees.
0.75 19.0
5
8
10
50
JP131HBC50RBL20
1.31 33.3
15
25
29
50
JP2HBC50RB-L20
2.00 50.8
30
46
55
50
JP4HBC50RB-X20
4.00 101.6
115
180
200
50
JP75HBC75RB-L20
J hook with hammer-
on beam clamp for
use with flanges
9/16" – 3/4" (14.3mm
– 19.1mm) thick.
Rotates 360 degrees.
0.75 19.0
5
8
10
50
JP131HBC75RBL20
1.31 33.3
15
25
29
50
JP2HBC75RB-L20
2.00 50.8
30
46
55
50
JP4HBC75RB-X20
4.00 101.6
115
180
200
10
Underfloor Pedestal Clamp
JP75UF100-L20
Underfloor
Pedestal Support
Clip for pedestal 7/8"
square or 1 1/8" – 1
3/8" in diameter.
0.75 19.0
5
8
10
Nylon 6.6
J hook
with metal
attachments
50
JP131UF100-L20
1.31 33.3
15
25
29
50
JP2UF100-L20
2.00 50.8
30
46
55
50
JP4UF100-X20
4.00 101.6
115
180
200
10
JP2UF100-L20
JP2HBC25RB-L20
JP2HBC50RB-L20
JP2HBC75RB-L20
*The above cable diameters represent the nominal Panduit cable diameter per performance level.
For specific cable fill information based on specific part numbers, please contact customer service.
**Suitable for use in air handling spaces in accordance with Sec. 300.22(C) and (D) of the National Electrical Code when mounted
as single units or in pairs. JP4 family of parts suitable for use in single unit configurations only.
Listed in accordance with CAN/ULC S102.2 when mounted as single units or in pairs. Minimum spacing of 4' (1220mm)
required between mount points. (Flame Spread Rating = 0, Smoke Developed Classification = 20)
Consult factory for additional colors available.
Color Selection Guide
Base
Part Number
Black
Red
Blue
White
Green
Orange
JP75W
-L20
-L2
-L5
-L3
JP75WP2B
-L20
JP75CMB
-L20
-L2
JP75DW
-L20
-L2
-L6
JP75ZP
-L20
JP75CP
-L20
JP75SBC50
-L20
JP75SBC87
-L20
JP75SBC50RB
-L20
-L2
-L
JP75SBC87RB
-L20
JP75HBC25RB
-L20
JP75HBC50RB
-L20
-L2
-L
JP75HBC75RB
-L20
JP75UF100
-L20
JP131W
-L20
-L6
-L5
-L3
JP131WP2B
-L20
JP131CMB
-L20
JP131DW
-L20
-L6
JP131ZP
-L20
JP131CP
-L20
JP131SBC50
-L20
JP131SBC87
-L20
JP131SBC50RB
-L20
-L2
-L
JP131SBC87RB
-L20
JP131HBC25RB
-L20
JP131HBC50RB
-L20
-L2
-L
JP131HBC75RB
-L20
JP131UF100
-L20
JP2W
-L20
-L2
-L6
-L
-L5
-L3
JP2WP2B
-L20
JP2CMB
-L20
-L2
JP2DW
-L20
-L2
-L6
-L
JP2ZP
-L20
JP2CP
-L20
JP2SBC50
-L20
-L
JP2SBC87
-L20
JP2SBC50RB
-L20
-L2
-L
JP2SBC87RB
-L20
-L2
JP2HBC25RB
-L20
JP2HBC50RB
-L20
-L2
-L
JP2HBC75RB
-L20
JP2UF100
-L20
JP4W
-X20
-X2
-X6
-X
JP4WP2B
-X20
JP4CMB
-X20
JP4ZP
-X20
JP4CP
-X20
JP4SBC50
-X20
-X
JP4SBC87
-X20
JP4SBC50RB
-X20
-X2
-X
JP4SBC87RB
-X20
JP4HBC25RB
-X20
JP4HBC50RB
-X20
-X2
-X
JP4HBC75RB
-X20
JP4UF100
-X20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com