Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3896/20 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3896/20
Description  3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3896/20 Datasheet(HTML) 2 Page - 3M Electronics

  3896/20 Datasheet HTML 1Page - 3M Electronics 3896/20 Datasheet HTML 2Page - 3M Electronics 3896/20 Datasheet HTML 3Page - 3M Electronics 3896/20 Datasheet HTML 4Page - 3M Electronics 3896/20 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Jacketed, Flat Cable
.025" 30 AWG Stranded, Mass-Term, PVC/PVC
3896 Series
TS-2173-D
Sheet 2 of 2
Inch
[Imm]
Tolerance Unless Noted
Inch
.0
.00
.000
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
Ordering Information
3896/XX XX XX
Blank = Standard
SF = Splice Free
Number of Conductors
(See Table)
Note: Available in standard 275 ft roll length. Contact 3M for availability
of additional conductor counts and/or custom roll lengths.
"A"
Ø
Polyester Film
Paper [Mfg
Optional]
2.40
61.0 TYP
.025
0.64 TYP
30 AWG, 7 X 38 AWG [7X Ø 0.102]
PVC Primary Insulation
0.026 [.66] Min.
PVC Jacket
Thickness
1.00
25.4
BONDED
SPLIT
"B"
Blank = Standard, Repeating Split/Bonded Wires
SO = Continuously Bonded Wire (No Split)
Number of
Conductors
3M Part
Number
Diameter A ± .03
Dimension B
(See Note 2)
20
3896/20
0.26 [ 6.6 ]
0.475 +/- .004 [12.70]
26
3896/26
0.27 [ 6.9 ]
0.625 +/- .004 [15.88]
30
3896/30
0.27 [ 6.9 ]
0.725 +/- .006 [18.42]
32
3896/32
0.27 [ 6.9 ]
0.775 +/- .006 [19.69]
34
3896/34
0.27 [ 6.9 ]
0.825 +/- .006 [20.96]
36
3896/36
0.27 [ 6.9 ]
0.875 +/- .006 [22.23]
40
3896/40
0.30 [ 7.6 ]
0.975 +/- .006 [24.77]
50
3896/50
0.33 [ 8.4 ]
1.225 +/- .006 [31.12]
52
3896/52
0.33 [ 8.4 ]
1.275 +/- .009 [32.39]
60
3896/60
0.37 [ 9.4 ]
1.475 +/- .009 [37.47]
68
3896/68
0.37 [ 9.4 ]
1.675 +/- .009 [42.55]
80
3896/80
0.39 [ 9.9 ]
1.975 +/- .011 [50.17]
100
3896/100
0.44 [ 11.2 ]
2.475 +/- .025 [62.87]
Notes:
1. Red marking on edge of primary cable designates wire #1.
2. Dimension B refers to bonded area only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com