Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3609/08 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3609/08
Description  3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3609/08 Datasheet(HTML) 2 Page - 3M Electronics

  3609/08 Datasheet HTML 1Page - 3M Electronics 3609/08 Datasheet HTML 2Page - 3M Electronics 3609/08 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.025" 30AWG Stranded, FEP
3609 Series
TS-0654-C
Sheet 2 of 2
Ordering Information
3609/XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Note: Available in standard 100 ft rolls. Contact 3M for availability
of additional conductor counts and/or custom roll lengths.
Note: Blue marking on one edge of cable designates wire #1.
Number of Conductors
(See Table)
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
04
3609/04
0.100 ± .006 [2.54]
0.075 ± .004 [1.91]
06
3609/06
0.150 ± .006 [3.81]
0.125 ± .004 [3.18]
08
3609/08
0.200 ± .006 [5.08]
0.175 ± .004 [4.45]
10
3609/10
0.250 ± .007 [6.35]
0.225 ± .005 [5.72]
12
3609/12
0.300 ± .007 [7.62]
0.275 ± .005 [6.99]
14
3609/14
0.350 ± .007 [8.89]
0.325 ± .005 [8.26]
16
3609/16
0.400 ± .007 [10.16]
0.375 ± .005 [9.53]
20
3609/20
0.500 ± .007 [ 12.70 ]
0.475 ± .005 [ 12.07 ]
26
3609/26
0.650 ± .007 [ 16.51 ]
0.625 ± .005 [ 15.88 ]
30
3609/30
0.750 ± .007 [19.05]
0.725 ± .005 [18.42]
34
3609/34
0.850 ± .007 [21.59]
0.825 ± .005 [20.96]
36
3609/36
0.900 ± .007 [ 22.86 ]
0.875 ± .005 [ 22.23 ]
40
3609/40
1.000 ± .010 [ 25.40 ]
0.975 ± .006 [ 24.77 ]
50
3609/50
1.250 ± .010 [ 31.75 ]
1.225 ± .006 [ 31.12 ]
60
3609/60
1.500 ± .010 [ 38.10 ]
1.475 ± .006 [ 37.47 ]
64
3609/64
1.600 ± .010 [40.64]
1.575 ± .006 [40.01]
68
3609/68
1.700 ± .010 [ 43.18 ]
1.675 ± .006 [ 42.55 ]
80
3609/80
2.000 ± .010 [ 50.80 ]
1.975 ± .006 [ 50.17 ]
100
3609/100
2.500 ± .010 [ 63.50 ]
2.475 ± .006 [ 82.87 ]
.013 ±
.007
[ 0.33 ]
.025 ± .002 Typ
[ .64 ]
.024 ± .003
[ 0.61 ]
30 AWG 7 x 38 [ 7 x 0.102 ] Silver
Plated Stranded Copper Conductors
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com