Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9490LE Datasheet(PDF) 3 Page - 3M Electronics

Part # 9490LE
Description  3M??Double Coated Tape 9490LE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9490LE Datasheet(HTML) 3 Page - 3M Electronics

  9490LE Datasheet HTML 1Page - 3M Electronics 9490LE Datasheet HTML 2Page - 3M Electronics 9490LE Datasheet HTML 3Page - 3M Electronics 9490LE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3)
3M
™ Double Coated Tape 9490LE
Environmental Performance
Humidity Resistance: High humidity has minimal effect on adhesive performance. No significant reduction in bond
strength is observed after exposure for seven days at 90°F (32°C) and 90% relative humidity.
UV Resistance: When properly applied, nameplates and decorative trim parts are not adversely affected by exposure to
direct sunlight.
Water Resistance: Immersion in water has no appreciable effect on the bond strength. After 100 hours at room
temperature, the high bond strength is maintained.
Temperature Cycling Resistance: High bond strength is maintained after cycling four times through:
4 hours at 158°F (70°C)
4 hours at -20°F (-29°C)
4 hours at 73°F (22°C)
Chemical Resistance: When properly applied, nameplate and decorative trim parts will hold securely after exposure to
numerous chemicals including oil, mild acids and alkalis.
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm application pressure and
moderate heat, from 100°F (38°C) to 130°F (54°C), will assist the adhesive in developing intimate contact with the
bonding surface.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well unified. Some typical surface cleaning
solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape application to surfaces at temperatures
below 50°F (10°C) is not recommended because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: Carefully read and follow the manufacturer’s precautions and directions for use when working with solvents.
These cleaning recommendations may not be compliant with the rules of certain Air Quality Management
Districts in California; consult applicable rules before use.
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, product retains its performance and properties for two years from date of manufacture.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com