Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3896/32SF Datasheet(PDF) 1 Page - 3M Electronics

Part # 3896/32SF
Description  3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3896/32SF Datasheet(HTML) 1 Page - 3M Electronics

  3896/32SF Datasheet HTML 1Page - 3M Electronics 3896/32SF Datasheet HTML 2Page - 3M Electronics 3896/32SF Datasheet HTML 3Page - 3M Electronics 3896/32SF Datasheet HTML 4Page - 3M Electronics 3896/32SF Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Jacketed, Flat Cable
.025" 30 AWG Stranded, Mass-Term, PVC/PVC
3896 Series
• Round construction permits easier routing
• 30 AWG wire on .025 inch centers permits mass
termination
• Continuous split/bond allows for mass termination on
2.4 inch centers (approximate)
• Close spacing permits higher signal density
• Primary cable is zippable for branching or discrete
terminations
• PVC insulation provides excellent flexibility
• Recommended for use with 3M™ Tripolarized
Wiremount Socket 82XXX-600X, .050" x .100";
3M™ Mini D Ribbon (MDR) Wiremount Plug
101XX-8X00EE, .050"; and 3M™ Pak 50 IDC
Sockets P25E-XXXs-XXX
• See Regulatory Information Appendix (RIA for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 14, 2009
TS-2173-D
Sheet 1 of 2
Physical
Jacket Material: Polyvinyl Chloride (PVC)
Jacket Color: Black
Primary Material: Polyvinyl Chloride (PVC)
Color Gray
Marking Standard: ULAWM 20596 105C 30VVW1 3M NU
Conductors: 30 AWG, 7 × 38 AWG [ 7 × Ø 0.102 ] Tinned Stranded Copper
Inner Wrap: Polyester Film
Electrical
Voltage Rating: USA: 30V
EU: <50V
Insulation Resistance: (Primary Cable) >1 x 1010
Ω /10 ft [3 m]
Characteristic Impedance:
Unbalanced
Balanced
73
Ω
121
Ω
Capacitance: 20.8 pF/ft [ 68.2 pF/m ]
12.0 pF/ft [ 39.4 pF/m ]
Inductance: 0.11 μH/ft [ 0.36 μH/m ]
0.18 μH/ft [ 0.57 μH/m ]
Propagation Delay: 1.51 ns/ft [ 4.95 ns/m ]
1.45 ns/ft [ 4.76 ns/m ]
Velocity of Propagation: 67%
70%
Note: Unbalanced is measured between ground-signal-ground conductors.Balanced is measured between conductors within a pair.
Environmental
Temperature Rating: -20°C to + 105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No.: 20596


Similar Part No. - 3896/32SF

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3896 ADAFRUIT-3896 Datasheet
1Mb / 2P
3-Bladed Trifoil Propeller Fan for DC Motor
8-14-18
logo
3M Electronics
3896-60 3M-3896-60 Datasheet
312Kb / 4P
3M™ Round, Jacketed, Flat Cable
July 2, 2007
logo
List of Unclassifed Man...
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38960 ETC2-38960 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3896/32SF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com