Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1B50 Datasheet(PDF) 3 Page - Emerson Network Power

Part # HS1B50
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HS1B50 Datasheet(HTML) 3 Page - Emerson Network Power

  HS1B50 Datasheet HTML 1Page - Emerson Network Power HS1B50 Datasheet HTML 2Page - Emerson Network Power HS1B50 Datasheet HTML 3Page - Emerson Network Power HS1B50 Datasheet HTML 4Page - Emerson Network Power HS1B50 Datasheet HTML 5Page - Emerson Network Power HS1B50 Datasheet HTML 6Page - Emerson Network Power HS1B50 Datasheet HTML 7Page - Emerson Network Power HS1B50 Datasheet HTML 8Page - Emerson Network Power HS1B50 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dry Type Distribution Transformers
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
219
Selection Table: Single Phase
Group 3: 120/208/240/277 Volt Primary, 120/240 Secondary, 60 Hz
kVA
Catalog Number
Group 1
Rolled Steel
Catalog Number
Group 2
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
@ 277 V
Secondary
Amps
Encapsulated
1
HS12F1BS
HSP12F1BS
10.00 (254.0)
6.00 (152.4) 5.00 (127.0) 29.0 (13.15)
3
19
3.6
8.33/4.17
1.5
HS12F1.5AS
HSP12F1.5AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 40.0 (18.14)
4
20
5.4
12.5/6.25
2
HS12F2AS
HSP12F2AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 60.0 (27.22)
4
20
7.2
16.7/8.33
3
HS12F3AS
HSP12F3AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 66.0 (29.94)
4
20
10.8
25.0/12.5
5
HS12F5AS
HSP12F5AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 104.0 (47.17)
4
20
18.0
41.6/20.8
7.5
HS12F7.5AS
HSP12F7.5AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 135.0 (61.23)
4
20
27.1
62.5/31.3
10
HS12F10AS
HSP12F10AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 156.0 (70.76)
4
20
36.1
83.3/41.7
Group 4: 190/200/208/220/380/400/415/440 Volt Primary, 110/220 Secondary, 50/60 Hz Copper wound
200/208/230/400/415/460 Volt Primary, 115/230 Secondary, 50/60 Hz Copper wound
208/240/415/480 Volt Primary, 120/240 Secondary, 60 Hz only Copper wound
kVA
Catalog Number
Group 1
Rolled Steel
Catalog Number
Group 2
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps 2
Secondary
Amps
Encapsulated, Copper Wound
1
HS14F1BS
HSP14F1BS
10.00 (254.0)
6.00 (152.4) 5.00 (127.0) 34.0 (15.42)
3
23
4.5/2.3
9.1/4.5
1.5
HS14F1.5BS
HSP14F1.5BS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 40.0 (18.13)
4
24
6.8/3.4
13.6/6.8
2
HS14F2BS
HSP14F2BS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 60.0 (27.21)
4
24
9.1/4.5
18.2/9.1
3
HS14F3BS
HSP14F3BS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 73.0 (33.11)
4
24
13.6/6.8
27.3/13.6
5
HS14F5BS
HSP14F5BS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 100.0 (45.36)
4
24
22.7/11.4
45.5/22.7
7.5
HS14F7.5BS
HSP14F7.5BS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 140.0 (63.50)
4
24
34.1/17.0
68.2/34.1
10
HS14F10BS
HSP14F10BS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 175.0 (79.38)
4
24
45.5/22.7
90.9/45.5
Group 5: Export 190/200/208/220/380/400/415/440 Volt Primary, 110/220 Secondary, 50/60 Hz Copper wound
Export 200/208/230/400/415/460 Volt Primary, 115/230 Secondary, 50/60 Hz Copper wound
Export 208/240/415/480 Volt Primary, 120/240 Secondary, 60 Hz only Copper wound
kVA
Catalog Number
Group 1
Rolled Steel
Catalog Number
Group 2
Stainless Steel 3
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps 2
Secondary
Amps
Encapsulated, Copper Wound
1
HS14F1CS-CE
HSP14F1CS-CE
12.00 (304.8) 10.00 (254.0) 7.00 (177.8)
52.0 (23.6)
4
24
4.5/2.3
9.1/4.5
1.5
HS14F1.5CS-CE
HSP14F1.5CS-CE
12.00 (304.8) 10.00 (254.0) 7.00 (177.8)
55.0 (25.0)
4
24
6.8/3.4
13.6/6.8
2
HS14F2CS-CE
HSP14F2CS-CE
12.00 (304.8) 10.00 (254.0) 7.00 (177.8)
62.0 (28.1)
4
24
9.1/4.5
18.2/9.1
3
HS14F3CS-CE
HSP14F3CS-CE
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 142.0 (64.4)
4
24
13.6/6.8
27.3/13.6
5
HS14F5CS-CE
HSP14F5CS-CE
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 146.0 (66.2)
4
24
22.7/11.4
45.5/22.7
7.5
HS14F7.5CS-CE
HSP14F7.5CS-CE
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 175.0 (79.4)
4
24
34.1/17.0
68.2/34.1
Notes:
1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section.
2. Amperage calculated at 220/440 Volts on primary. UL Listed. 240 and 480 V not available at 50 Hz.
3. Contact Technical Services for other enclosure types.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com