Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP1F3AS Datasheet(PDF) 5 Page - Emerson Network Power

Part # HTP1F3AS
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HTP1F3AS Datasheet(HTML) 5 Page - Emerson Network Power

  HTP1F3AS Datasheet HTML 1Page - Emerson Network Power HTP1F3AS Datasheet HTML 2Page - Emerson Network Power HTP1F3AS Datasheet HTML 3Page - Emerson Network Power HTP1F3AS Datasheet HTML 4Page - Emerson Network Power HTP1F3AS Datasheet HTML 5Page - Emerson Network Power HTP1F3AS Datasheet HTML 6Page - Emerson Network Power HTP1F3AS Datasheet HTML 7Page - Emerson Network Power HTP1F3AS Datasheet HTML 8Page - Emerson Network Power HTP1F3AS Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dry Type Distribution Transformers
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT81F3AS
HTP81F3AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
121.0 (54.88)
4
33
3.6
3.6
6
HT81F6AS
HTP81F6AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
150.0 (68.03)
4
33
7.2
7.2
9
HT81F9AS
HTP81F9AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 255.0 (115.7)
4
33
10.8
10.8
15
HT81F15AS
HTP81F15AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 261.0 (118.39)
4
33
18.1
18.1
30
HT81F30AS
HTP81F30AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 696.0 (315.70)
4
33
36.1
36.1
45
HT81F45AS
HTP81F45AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 844.0 (382.83)
4
33
54.2
54.2
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
221
Group E: 480 Volt Δ Primary, 380Y/220 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT79F3AS
HTP79F3AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
121.0 (54.88)
4
29
3.6
4.6
6
HT79F6AS
HTP79F6AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
150.0 (68.03)
4
29
7.2
9.1
9
HT79F9AS
HTP79F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 255.0 (115.7)
4
29
10.8
13.6
Selection Tables: Three Phase
Group F: 600 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT7F3AS
HTP7F3AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
116.0 (52.62)
4
30
2.9
8.3
6
HT7F6AS
HTP7F6AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
150.0 (68.03)
4
30
5.8
16.6
9
HT7F9AS
HTP7F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 225.0 (115.67)
4
30
8.7
25.0
Group G: 208 Volt Δ Primary, 480Y/277 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT84F3AS
HTP84F3AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
97.0 (44.00)
4
31
8.3
3.6
6
HT84F6AS
HTP84F6AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
150.0 (68.03)
4
31
16.6
7.2
9
HT84F9AS
HTP84F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
31
25.0
10.8
Group H: 240 Volt Δ Primary, 480Y/277 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT85F3AS
HTP85F3AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
97.0 (44.00)
4
32
7.2
3.6
6
HT85F6AS
HTP85F6AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
150.0 (68.03)
4
32
14.4
7.2
9
HT85F9AS
HTP85F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
32
21.6
10.8
Notes:
1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section.
2. Contact Technical Services for other enclosure types.
Group J: 480 Volt Δ Primary, 480Y/277 Secondary, 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com