Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP1F6AS Datasheet(PDF) 7 Page - Emerson Network Power

Part # HTP1F6AS
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HTP1F6AS Datasheet(HTML) 7 Page - Emerson Network Power

Back Button HTP1F6AS Datasheet HTML 2Page - Emerson Network Power HTP1F6AS Datasheet HTML 3Page - Emerson Network Power HTP1F6AS Datasheet HTML 4Page - Emerson Network Power HTP1F6AS Datasheet HTML 5Page - Emerson Network Power HTP1F6AS Datasheet HTML 6Page - Emerson Network Power HTP1F6AS Datasheet HTML 7Page - Emerson Network Power HTP1F6AS Datasheet HTML 8Page - Emerson Network Power HTP1F6AS Datasheet HTML 9Page - Emerson Network Power HTP1F6AS Datasheet HTML 10Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Dry Type Distribution Transformers
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
223
Primary Voltage
Interconnect
Connect Lines to
277
H2 to H3
H1 & H6
240
H2 to H3
H1 & H5
208
H2 to H3
H1 & H4
120
H1 to H3
H2 to H5
H1 & H5
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS12 Series (1 kVA only)
Primary Voltage
Interconnect
Connect Lines to
277
H4 to H5
H1 & H8
240
H3 to H6
H1 & H8
208
H2 to H7
H1 & H8
120
H1 to H6
H3 to H8
H1 & H8
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS12 Series
Primary Voltage
Interconnect
Connect Lines to
504
H4 to H5
H1 & H8
492
H3 to H5
H1 & H8
480
H3 to H6
H1 & H8
468
H2 to H6
H1 & H8
456
H2 to H7
H1 & H8
252
H1 to H5
H4 to H8
H1 & H8
240
H1 to H6
H3 to H8
H1 & H8
228
H1 to H7
H2 to H8
H1 & H8
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS5 Series
Primary Voltage
Interconnect
Connect Lines to
480
H2 to H3
H1 & H4
240
H1 to H3
H2 to H4
H1 & H4
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS1 Series
Primary Voltage
Interconnect
Connect Lines to
504
H5 to H6
H1 & H10
492
H4 to H6
H1 & H10
480
H4 to H7
H1 & H10
468
H3 to H7
H1 & H10
456
H3 to H8
H1 & H10
444
H2 to H8
H1 & H10
432
H2 to H9
H1 & H10
252
H1 to H6
H5 to H10
H1 & H10
240
H1 to H7
H4 to H10
H1 & H10
228
H1 to H8
H3 to H10
H1 & H10
216
H1 to H9
H2 to H10
H1 & H10
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS5 Series
Primary Voltage
Interconnect
Connect Lines to
480
H2 to H3
H1 & H4
240
H1 to H3
H2 to H4
H1 & H4
Secondary Voltage
Interconnect
Connect Lines to
240
X2 to X3
X1 & X4
120-0-120
X2 to X3
X2 to
X1-X2-X4
120
X1 to X3
X2 to X4
X1 & X4
HS1 Series
Electrical Connections (Single Phase)
240 X 480 Volt Primary
120/240 Volt Secondary
Taps: None
15
17
240 X 480 Volt Primary
120/240 Volt Secondary
Taps: None
240 X 480 Volt Primary
120/240 Volt Secondary
Taps: 2, 2½% FCAN & FCBN
240 X 480 Volt Primary,
120/240 Volt Secondary
Taps: 2, 2½% FCAN; 4, 2½% FCBN 18
16
120/208/240/277 Volt Primary
120/240 Volt Secondary
Taps: None
19
120/208/240/277 Volt Primary
120/240 Volt Secondary
Taps: None
20
Note:
Connect the electrostatic shield to the equipment ground (green) or to both the equipment ground and
the system ground (white). Specifications are subject to change without notice.
= Earth Ground
H1
H1
H2
H2
H3
H3
H4
H4
X1
X1
X3
X3
X2
X2
X4
X4
SHIELD
SHIELD
H1
H1
H2
H2 H3
H3 H4
H4
H5
H5 H6
H6 H7
H7
H8
H8
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
X4
X4
H1
H1
H2
H2
H3
H3
H4
H4
X1
X1
X3
X3
X2
X2
X4
X4
H1
H1
H2
H2 H3
H3 H4
H4 H5
H5
H6
H6 H7
H7 H8
H8 H9
H9
H10
H10
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
X4
X4
H1
H1
H2
H2
H3
H3
H4
H4 H5
H5 H6
H6
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
X4
X4
H1
H1
H2
H2
H3
H3
H4
H4
H5
H5
H6
H6
H7
H7
H8
H8
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
X4
X4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com