Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP1F9AS Datasheet(PDF) 10 Page - Emerson Network Power

Part # HTP1F9AS
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HTP1F9AS Datasheet(HTML) 10 Page - Emerson Network Power

Back Button HTP1F9AS Datasheet HTML 2Page - Emerson Network Power HTP1F9AS Datasheet HTML 3Page - Emerson Network Power HTP1F9AS Datasheet HTML 4Page - Emerson Network Power HTP1F9AS Datasheet HTML 5Page - Emerson Network Power HTP1F9AS Datasheet HTML 6Page - Emerson Network Power HTP1F9AS Datasheet HTML 7Page - Emerson Network Power HTP1F9AS Datasheet HTML 8Page - Emerson Network Power HTP1F9AS Datasheet HTML 9Page - Emerson Network Power HTP1F9AS Datasheet HTML 10Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Dry Type Distribution Transformers
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
226
Electrical Connections (Three Phase)
Primary
Voltage
Connect Taps
Line Leads
208
1-X1 & 2-X2 & 3-X3
X1, X2, X3
198
4-X1 & 5-X2 & 6-X3
X1, X2, X3
187
7-X1 & 8-X2 & 9-X3
X1, X2, X3
Secondary
Voltage
Line Leads
480
H1, H2, H3
277
H0, H1, H2, H3
HT84 Series
208
Δ Volt Primary
480Y/277 Volt Secondary
Taps: 2, 5% FCBN
31
Primary
Voltage
Connect Taps
Line Leads
240
1-X1 & 2-X2 & 3-X3
X1, X2, X3
228
4-X1 & 5-X2 & 6-X3
X1, X2, X3
216
7-X1 & 8-X2 & 9-X3
X1, X2, X3
Secondary
Voltage
Line Leads
480
H1, H2, H3
277
H0, H1, H2, H3
HT85 Series
32
Notes:
Connect the electrostatic shield to the equipment ground (green) or to both the equipment ground and the system ground (white). Specifications are subject
to change without notice.
240
Δ Volt Primary
480Y/277 Volt Secondary
Taps: 2, 5% FCBN
H1
H1
H2
H2
H3
H3
H0
H0
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
X1
X1
X3
X3
X2
X2
H1
H1
H2
H2
H3
H3
H0
H0
H1
H1
H2
H2
H3
H3
H0
H0
SHIELD
SHIELD
X1
X1
X3
X3
X2
X2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
X1
X1
X3
X3
X2
X2
H1
H1
H2
H2
H3
H3
H0
H0
Primary
Voltage
Connect Taps
Line Leads
600
1-H1 & 2-H2 & 3-H3
H1, H2, H3
570
4-H1 & 5-H2 & 6-H3
H1, H2, H3
540
7-H1 & 8-H2 & 9-H3
H1, H2, H3
Secondary
Voltage
Line Leads
208
X1, X2, X3
120
X0, X1, X2, X3
HT7 Series
600
Δ Volt Primary
208Y/120 Volt Secondary
Taps: 2, 5% FCBN
30
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
55
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0
Primary
Voltage
Interconnect
Connect
Lines to
480
1-H1 & 2-H2 & 3-H3
H1, H2 & H3
456
4-H1 & 5-H2 & 6-H3
H1, H2 & H3
432
7-H1 & 8-H2 & 9-H3
H1, H2 & H3
Secondary
Voltage
Interconnect
Connect
Lines to
480
X1, X2, X3
277
X0, X1, X2, X3
HT81 Series
480
Δ Volt Primary
480Y/277 Volt Secondary
Taps: 2, 5% FCBN
33
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
55
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com