Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP1F15AS Datasheet(PDF) 9 Page - Emerson Network Power

Part # HTP1F15AS
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HTP1F15AS Datasheet(HTML) 9 Page - Emerson Network Power

Back Button HTP1F15AS Datasheet HTML 2Page - Emerson Network Power HTP1F15AS Datasheet HTML 3Page - Emerson Network Power HTP1F15AS Datasheet HTML 4Page - Emerson Network Power HTP1F15AS Datasheet HTML 5Page - Emerson Network Power HTP1F15AS Datasheet HTML 6Page - Emerson Network Power HTP1F15AS Datasheet HTML 7Page - Emerson Network Power HTP1F15AS Datasheet HTML 8Page - Emerson Network Power HTP1F15AS Datasheet HTML 9Page - Emerson Network Power HTP1F15AS Datasheet HTML 10Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Dry Type Distribution Transformers
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
225
Primary
Voltage
Interconnect
Connect
Lines to
480
1-H1 & 2-H2 & 3-H3
H1, H2 & H3
456
4-H1 & 5-H2 & 6-H3
H1, H2 & H3
432
7-H1 & 8-H2 & 9-H3
H1, H2 & H3
Secondary
Voltage
Interconnect
Connect
Lines to
380
X1, X2, X3
220
X0, X1, X2, X3
HT79 Series
Primary
Voltage
Connect
Taps
Connect
Lines To
480
1-H1 & 2-H2 & 3-H3
H1, H2, H3
456
4-H1 & 5-H2 & 6-H3
H1, H2, H3
432
7-H1 & 8-H2 & 9-H3
H1, H2, H3
Secondary
Voltage
Interconnect
Connect
Lines To
240
X1, X2, X3
120-0-120
X6 to
X1-X6-X3
HT5 Series
Primary
Voltage
Interconnect
Connect
Lines to
480
1-H1 & 2-H2 & 3-H3
H1, H2, H3
456
4-H1 & 5-H2 & 6-H3
H1, H2, H3
432
7-H1 & 8-H2 & 9-H3
H1, H2, H3
Secondary
Voltage
Connect
Lines to
208
X1, X2, & X3
120
X0, X1, X2, X3
HT1 Series
480
Δ Volt Primary
208Y/120 Volt Secondary
Taps: 2, 5% FCBN
27
Electrical Connections (Three Phase)
480
Δ Volt Primary
240
Δ w/120 CT Volt Secondary
Taps: 2, 5% FCBN
28
480
Δ Volt Primary
380Y/220 Volt Secondary
Taps: 2, 5% FCBN
29
Primary
Voltage
Connect Taps
Connect
Lines To
208
1-H1 & 2-H2 & 3-H3
H1, H2, H3
198
4-H1 & 5-H2 & 6-H3
H1, H2, H3
187
7-H1 & 8-H2 & 9-H3
H1, H2, H3
Secondary
Voltage
Connect
Lines To
208
X1, X2, & X3
120
X0, X1, X2, X3
HT3 Series
208
Δ Volt Primary
208Y/120 Volt Secondary
Taps: 2, 5% FCBN
26
27
Notes:
Connect the electrostatic shield to the equipment
ground (green) or to both the equipment ground
and the system ground (white). Specifications are
subject to change without notice.
= Earth Ground
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
55
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0
X1
X1
X2
X2
X3
X3
X6
X6
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X6
X6
X3
X3
X2
X2
Primary
Voltage
Connect Taps
Connect
Lines To
240
1-H1 & 2-H2 & 3-H3
H1, H2, H3
228
4-H1 & 5-H2 & 6-H3
H1, H2, H3
216
7-H1 & 8-H2 & 9-H3
H1, H2, H3
Secondary
Voltage
Connect
Lines To
208
X1, X2, & X3
120
X0, X1, X2, X3
HT6 Series
240
Δ Volt Primary
208Y/120 Volt Secondary
Taps: 2, 5% FCBN
25
X1
X1
X2
X2
X3
X3
X0
X0
SHIELD
SHIELD
H1
H1
H3
H3
H2
H2
4
4
5
5
6
6
1
1
2
2
3
3
7
7
8
8
9
9
H1
H1
H3
H3
H2
H2
X1
X1
X2
X2
X3
X3
X0
X0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com