Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP3F6AS Datasheet(PDF) 1 Page - Emerson Network Power

Part # HTP3F6AS
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HTP3F6AS Datasheet(HTML) 1 Page - Emerson Network Power

  HTP3F6AS Datasheet HTML 1Page - Emerson Network Power HTP3F6AS Datasheet HTML 2Page - Emerson Network Power HTP3F6AS Datasheet HTML 3Page - Emerson Network Power HTP3F6AS Datasheet HTML 4Page - Emerson Network Power HTP3F6AS Datasheet HTML 5Page - Emerson Network Power HTP3F6AS Datasheet HTML 6Page - Emerson Network Power HTP3F6AS Datasheet HTML 7Page - Emerson Network Power HTP3F6AS Datasheet HTML 8Page - Emerson Network Power HTP3F6AS Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dry Type Distribution Transformers
Note: Weights and dimensions may change and should not be used for construction purposes.
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
217
Automation Transformers - Non-Ventilated 50 VA to 45 kVA
SolaHD encapsulated transformers are rated for hazardous
locations as well as harsh industrial environments.
Encapsulation and rugged UL Listed/NEMA Type 3R
enclosures protect the transformer from dust, moisture,
and provides extra shock and vibration resistance. SolaHD
transformers fully comply with the latest edition of the
National Electrical Code for Class I, Division 2, Group A, B,
C and D locations when installed in compliance with NEC
501.100 (B).
Features
Single Phase: .05 - .250 kVA
• UL Listed/NEMA Type 3R non encapsulated enclosure
for indoor and outdoor service
• Low temperature rise, UL Class I30 ˚C insulation system,
80 ˚C temperature rise under full load
• Conduit knockouts for side entry into wiring
compartment
• Copper lead wire terminations
Single Phase: 0.500 - 25 kVA
Three Phase: 3 - 45 kVA
• Available as standard in Cold Rolled Steel or Painted
Stainless Steel
• UL Listed/NEMA Type 3R encapsulated enclosure for
indoor and outdoor service
• Electrostatically shielded for quality power on sizes
1 kVA and larger
• UL Class 200˚C insulation system, 115˚C
temperature rise under full load
• Conduit knockouts for side entry into wiring
compartment (Type 3R versions only)
• Copper lead wire terminations
• .500 - 45 kVA units are encapsulated with electrical
grade silica and epoxy for industrial applications
Related Products
• Some SolaHD DC power supplies are available with
Class I, Division 2 ratings or encapsulation.
• Surge Protective Devices
Certifications and Compliances
All Models
•
Listed: E25872, E77014
- UL 1561 or UL 5085-1, UL 5085-2
- CSA C22.2 No. 47 or No. 66
- RoHS Compliant
Group 5, Export Models
•
Low Voltage Directive
- IEC 61558-1, IEC 61558-2-4
Accessories and Optional Design Styles
• Other enclosure styles available (contact Technical
Support for details):
- 316 Stainless Steel
• Copper Wound designs
• UL Listed/NEMA Type 4/12 or 4X Encapsulated
Enclosures
• Low temperature designs available
• cULus Listed E361435 transformers for Class I,
Division 2/Zone 2 hazardous locations are available as
custom designs.
E25872
E77014


Similar Part No. - HTP3F6AS

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP300 PICKER-HTP300 Datasheet
415Kb / 1P
Heat Transfer Pad
More results

Similar Description - HTP3F6AS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBM12-10 FCI-FBM12-10 Datasheet
40Kb / 1P
12VA Dual Primary 115V-230V, 50/60HZ Transformers
logo
Anaren Microwave
3A412 ANAREN-3A412 Datasheet
319Kb / 2P
Balun Transformers 50 to 12.5 Balanced
3A412S ANAREN-3A412S Datasheet
321Kb / 2P
Balun Transformers 50 to 12.5 Balanced
3A525 ANAREN-3A525 Datasheet
316Kb / 2P
Balun Transformers 50廓 to 25廓 Balanced
3W525S ANAREN-3W525S Datasheet
335Kb / 2P
Balun Transformers 50 to 25 Balanced
logo
American Zettler, Inc.
AZ2505 AZETTLER-AZ2505 Datasheet
1Mb / 4P
Heavy loads to 30000 VA
logo
List of Unclassifed Man...
9320-C02-10 ETC1-9320-C02-10 Datasheet
164Kb / 4P
Powerware 9320 10-60 kVA
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
logo
Hammond Manufacturing L...
260G HAMMOND-260G Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
200 HAMMOND-200 Datasheet
498Kb / 3P
High Voltage (Plate) & Filament - 32 VA to 454 VA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com