Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC241 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC241
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC241 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC241 Datasheet HTML 1Page - Silicon Supplies 54HC241 Datasheet HTML 2Page - Silicon Supplies 54HC241 Datasheet HTML 3Page - Silicon Supplies 54HC241 Datasheet HTML 4Page - Silicon Supplies 54HC241 Datasheet HTML 5Page - Silicon Supplies 54HC241 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.siliconsupplies.com
d
High Speed CMOS Logic – 54HC241
Rev 1.0
30/11/21
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
Truth Table
INPUT
OUTPUT
INPUT
OUTPUT
1OE
1A
1Y
2OE
2A
2Y
L
L
H
L
H
X
L
H
Z
H
H
L
L
H
X
L
H
Z
H = High level (steady state)
L = Low level (steady state)
X = Don’t care, Z = High impedance
X
Y
1
1OE
0.152
0.636
2
1A1
0.152
0.396
3
2Y4
0.300
0.142
4
1A2
0.470
0.152
5
2Y3
0.868
0.132
6
1A3
1.038
0.152
7
2Y2
1.330
0.132
8
1A4
1.709
0.142
9
2Y1
1.729
0.578
10
GND
1.729
0.812
11
2A1
1.699
1.149
12
1Y4
1.729
1.438
13
2A2
1.719
1.804
14
1Y3
1.301
1.824
15
2A3
1.062
1.804
16
1Y2
0.758
1.804
17
2A4
0.468
1.804
18
1Y1
0.142
1.662
19
2OE
0.142
1.489
20
VCC
0.142
1.005
CONNECT CHIP BACK TO VCC
1950µm (76.77 mils)
0,0
1
12
11
10
6
5
4
3
2
DIE ID
7
13
14
15
16
8
9
17
18
19
20
Logic Diagram
Pad 20 = VCC
Pad 10 = GND
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com