Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15552B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 15552B
Description  HEYClip??Nylon Push Screws
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

15552B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  15552B Datasheet HTML 1Page - List of Unclassifed Manufacturers 15552B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-HPLP
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
HEYClip™ Nylon Push Screws – HPLP Series
PART NO.
DESCRIPTION
PART DIMENSIONS
Style
Threaded
Clearance Hole
Min Panel
Max Panel
AB
C
Push In
Pull Out
Hole Type
±.015 (0,4mm)
Thickness E Thickness F
Head
Overall
Head
Force
Force
Height
Length
Diameter
Max.
Min.
Imperial Metric
in.
mm.
in.
mm.
in.
mm. Natural
Black
in.
mm.
in.
mm.
in.
mm.
lbf
N
lbf
N
.14
3,6
.24
6,0
15500 15500B
HPLPA 083-032
.32
8,0
#4
M3
.083
2,1
.19
4,8
.32
8,0
15502 15502B
HPLPA 083-039
.07
1,7
.39
10,0 .22 5,5 6.7 30 11.2 50
.23
5,8
.39 10,0
15504 15504B
HPLPA 083-047
.47
12,0
.38
9,7
.47 12,0
15506 15506B
HPLPA 083-055
.55
14,0
.20
5,1
.30
7,7
15508 15508B
HPLPA 125-039
.39
10,0
7.9
35 20.2
90
.26
6,6
.38
9,7
15510 15510B
HPLPA 125-047
.47
12,0
#8
M4
.125
3,2
.31
7,9
.46 11,7
15512 15512B
HPLPA 125-055
.11
2,7
.55
14,0 .33
8,4
9.0
40 27.0 120
.41
10,4
.54 13,7
15514 15514B
HPLPA 125-063
.63
16,0
.53
13,5
.70 17,7
15516 15516B
HPLPA 125-079
.79
20,0
1
.23
5,8
.33
8,4
15518 15518B
HPLPA 161-047
.47
12,0
7.9
35 22.5 100
#10
M5
.161
4,1
.29
7,4
.41 10,4
15520 15520B
HPLPA 161-055
.11
2,7
.55
14,0 .37 9,3
.35
8,9
.49 12,4
15522 15522B
HPLPA 161-063
.63
16,0
10.1
45 33.7 150
.43
10,9
.65 16,4
15524 15524B
HPLPA 161-079
.79
20,0
.24
6,1
.37
9,4
15526 15526B
HPLPA 201-055
.55
14,0
7.9
35 27.0 120
1/4-20
M6
.201
5,1
.30
7,6
.45 11,4
15528 15528B
HPLPA 201-063
.13
3,3
.63
16,0 .44 11,3
.44
11,2
.61 15,4
15530 15530B
HPLPA 201-079
.79
20,0
10.1
45 38.2 170
.57
14,5
.80 20,4
15532 15532B
HPLPA 201-098
.98
25,0
.43
10,9
.57 14,5
15534 15534B
HPLPA 250-079
.79
20,0
40.5 180
5/16-18
M8
.250
6,4
.58
14,7
.77 19,5
15536 15536B
HPLPA 250-098
.19
4,7
.98
25,0 .62 15,8 12.4 55
.73
18,5
.96 24,5
15538 15538B
HPLPA 250-118
1.18
30,0
47.3 210
.88
22,4 1.16 29,5
15540 15540B
HPLPA 250-138
1.38
35,0
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
40°F (-40°C) to 185°F (85°C)
• Can be used in a Clearance hole or a
threaded hole (see chart). Removable
when used in a threaded hole.
• Product line offers a wide range of
assembled panel thicknesses from
.03˝ to 1.16˝ and hole sizes from
.083˝ to .250˝ Dia.
Barb
Barb
Barb
E
A
F B
ØC
E
A
F
B
ØC
E
A
F
B
ØC
Style 1
Style 2
Style 3
HEYClip™ Nylon Push Screws
Threaded
PART NO.
DESCRIPTION
PART DIMENSIONS
Mounting
AB
C
Push In
Pull Out
Hole
Head
Overall
Head
Force
Force
Height
Length
Diameter
Max.
Min.
Natural Black
in. mm.
in.
mm.
in. mm.
LB
N
LB
N
M3
11500 11500B PS-M3X0.5X8.5MM
.10
2,5
.33
8,5
.22
5,5
7
30
11
50
M4
11501 11501B PS-M4X0.5X9.5MM
.12
3,0
.37
9,5
.29
7,3
8
35
20
90
M5
11502 11502B PS-M5X0.5X12.5MM .14
3,5
.49
12,5
.33
8,5
8
35
22 100
M6
11503 11503B PS-M6X0.5X15.0MM .18
4,5
.59
15,0
.39
10,0
8
35
27 120
M8
11504 11504B PS-M8X0.5X18.0MM .22
5,5
.71
18,0
.51
13,0
9
40
31 140
• Installs like a traditional nylon push
rivet but removable/reusable
• Remove by unscrewing like a
traditional threaded fastener
• Saves time by installing with
finger-tip pressure
• Low insertion force but high
extraction force


Similar Part No. - 15552B

ManufacturerPart #DatasheetDescription
logo
Heyco.
15552B HEYCO-15552B Datasheet
114Kb / 2P
Nylon Push Screws – HPLP Series
More results

Similar Description - 15552B

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
NYLON METRIC SCREWS
NSS-4-01 RICHCO-NSS-4-01 Datasheet
46Kb / 1P
NYLON SCREWS
logo
List of Unclassifed Man...
561-PS250 ETC2-561-PS250 Datasheet
138Kb / 2P
Nylon Push Spacer
S6404 ETC2-S6404 Datasheet
405Kb / 3P
HEYClip SunRunner 2 Series Cable Clips
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
OEN India Limited
04-0750PMX OENINDIA-04-0750PMX Datasheet
74Kb / 1P
Push Mount Nylon Cable Ties
04-PMW9 OENINDIA-04-PMW9 Datasheet
48Kb / 1P
Natural Nylon Wing Push Mounts
logo
RAF ELECTRONIC HARDWARE
M3467-SS RAF-M3467-SS Datasheet
141Kb / 1P
PLAIN THUMB SCREWS
logo
List of Unclassifed Man...
11501 ETC-11501 Datasheet
121Kb / 1P
HEYClip??Nylon Push Screws
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com