Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS700V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS700V
Description  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS700V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CGS700V Datasheet HTML 1Page - National Semiconductor (TI) CGS700V Datasheet HTML 2Page - National Semiconductor (TI) CGS700V Datasheet HTML 3Page - National Semiconductor (TI) CGS700V Datasheet HTML 4Page - National Semiconductor (TI) CGS700V Datasheet HTML 5Page - National Semiconductor (TI) CGS700V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CGS700
Absolute Maximum Ratings (Note A)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage Diode Current (IIK)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IO)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source or Sink Current (IO)
g
60 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
60 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature
150 C
Power Dissipation (Static and Dynamic) (Note B)
1400 mW
Note A
The Absolute Maximum Ratings are those values beyond which the
safety of the device cannot be guaranteed The device should not
be operated at these limits The parametric values defined in the
DC and AC Electrical Characteristics tables are not guaranteed at
the absolute maximum ratings The Recommended Operating Con-
ditions will define the conditions for actual device operation
Note B
Power dissipation is calculated using 49 W as the thermal coeffi-
cient for the PCC package at 225 LFM airflow The input frequency
is assumed
33 MHz with CLK4 at 132 MHz and CLK2 and CLK1’s
being at 66 MHz In addition the ambient temperature is assumed
with power supply at 50V
Recommended Operating
Conditions
Supply Voltage (VCC)
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Input Crystal Frequency
25 MHz to 40 MHz
Operating Temperature (TA)0 Cto a70 C
External Clock Frequency (EXTCLK Pin)
1 MHz to 10 MHz
XTALIN Duty Cycle Range
2575 (7525)%
Input Rise and Fall Times (08V to 20V)
Crystal Input
5 ns max
All Other Inputs
10 ns max
Typical iJA
0 LFM
54 CW
225 LFM
45 CW
500 LFM
38 CW
900 LFM
34 CW
DC Electrical Characteristics
Over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
VCC e 45V–55V
Units
TA e 0 C–70 C
Min
Typ
Max
VIH
Minimum Input High Level Voltage
20
V
VIL
Maximum Input Low Level Voltage
08
V
VOH
Minimum Output High Level Voltage
IOUT eb50 mAVCC b 01
V
IOH eb30 mA
VCC b 06
VOL
Maximum Output Low Level Voltage
IOUT e 50 mA
01
V
IOL e 30 mA
06
IOHD
High Level Output Current
VOH e VCC b 10V
50
110
170
mA
IOLD
Low Level Output Current
VOL e 10V
50
110
170
mA
IIN
Leakage Current
VIN e 04V or 46V
b
50
50
m
A
IOZLH
Output Leakage Current
CIN
Input Capacitance
100
pF
ICC
Quiescent Digital a Analog Current (No Load)
VIN e VCC GND
30
50
mA
ICCT
ICC per TTL Input
VIN e VCC b 21 GND
25
http
www nationalcom
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com