Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8S Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # TH8S
Description  6600WTransient Voltage Suppressor (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

TH8S Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  TH8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6600W Transient Voltage Suppressor (TVS)
Revision November 8, 2019
4 /4
@ SOCAY Electronics Corp., Ltd. 2019.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
TH8S Series
15 To 43V
6600W
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
Component Package
Quantity
Packaging Option
TH8SXXA/CA
R6/P600
800 PCS
Reel
T H 8S
×× CA
5%VBR Voltage Tolerance
Bi-directional
Reverse Stand-off Voltage
Series:6600 Watts Series
Part Marking
Packaging
Part Numbering
Socay Logo
Product Type
Cathode Band
TH8SxxCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com