Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

880MP2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 880MP2
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

880MP2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  880MP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
2
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Floor Boxes Ordering Information
Country of Origin: USA
880MP
Nonmetallic Rectangular Floor Box –
Box comes complete with reusable
mudcap, insert spacer, conduit
plugs and reducers. Reducers
provided for reduction to 1", 3/4",
and 1/2" (25mm, 19.1mm, and
12.7mm) conduit. Minimum
concrete depth is 3 1/2" (89mm)
and maximum concrete depth is
6" (152mm). Minimum capacity is
50 cu. in. (819ml) and maximum
capacity is 100 cu. in. (1639ml).
Box dimensions are 4 1/8" W x
5 1/2" L x 6" (105mm x 140mm x
152mm).
Country of Origin: USA
880MPA
Nonmetallic Floor Box Adjusting
Ring – Comes with fiber storage
loop. Also includes brass inserts
for flange connection and green
ground wire for ground connection.
Activate modular inserts snap
directly into the adjusting ring
without the need for a bezel.
Also includes mounting screws
to attach flange to box body.
Ortronics® connectivity inserts
do not snap directly into the
adjusting ring. For Ortronics®
inserts use the 828GFITC or
829PFLRT.
NOTE: Insert spacer should not be removed
until after concrete pour.
NOTE: Box can be connected together to
create a two- or three-gang option.
1 1/4" trade size
knockout opening
(both sides)
Country of Origin: USA
880MP2
Nonmetallic Rectangular Floor Box –
Box comes complete with reusable
mudcap, insert spacer, conduit plugs
and reducers. Reducers provided
for reduction to 1 1/2", 1 1/4", 1",
3/4", and 1/2" (38mm, 32mm, 25mm,
19.1mm, and 12.7mm) conduit.
Minimum concrete depth is 4"
(102mm) and maximum concrete
depth is 6" (152mm). Minimum
capacity is 50 cu. in. (819ml) and
maximum capacity is 100 cu. in.
(1639ml). Box dimensions are 4 1/8"
W x 8 1/4" L x 6 3/16" (105mm x
210mm x 157mm).
NOTE: Insert spacer should not be removed
until after concrete pour.
NOTE: Box can be connected together to
create a two- or three-gang option.
1 1/4" trade size
knockout opening
(both sides)
2" trade size
opening
(both ends)
NOTE: One 880MPA is needed for each
880MP2 used. For example,
a three-gang box will require
three 880MPA Adjusting Rings
(sold separately).
Activate Inserts Snap Here
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com