Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

817B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 817B
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

817B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  817B Datasheet HTML 1Page - List of Unclassifed Manufacturers 817B Datasheet HTML 2Page - List of Unclassifed Manufacturers 817B Datasheet HTML 3Page - List of Unclassifed Manufacturers 817B Datasheet HTML 4Page - List of Unclassifed Manufacturers 817B Datasheet HTML 5Page - List of Unclassifed Manufacturers 817B Datasheet HTML 6Page - List of Unclassifed Manufacturers 817B Datasheet HTML 7Page - List of Unclassifed Manufacturers 817B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Legrand, North America
60 Woodlawn Street
West Hartford, CT 06110
1.877.BY.LEGRAND (295.3472)
www.legrand.us
Canada
905.738.9195
www.legrand.ca
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
NOTE: The paper used to print this document is an environmentally responsible paper with 10% post consumer
waste, with FSC and SFI Chain of Custody certifications, Lacey Act complaint. 100% of the electricity
used to manufacture Flo sheets is generated with Green-e certified renewable energy.
FOLLOW US
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Flush installation with
Activate installed
using the Activate
bezel, or Ortronics®
installed using the
Ortronics® bezels.
Flush installation with
Ortronics® installed
using 829PFLRT Cover
or Activate installed
using 829PFL Cover.
Recessed installation with
Activate installed directly
into the 880MPA Adjusting
Ring. Ortronics® inserts
cannot be inserted directly
into 880MPA, see below for
Ortronics® solution.
Fiber Optic Installation
(Activate Only).
Fiber Storage Loop
828GFITC Cover
Activate Inserts
Sold Separately
CM-MAB Bezel
(Sold Separately, Not
Included with 828GFITC)
MAB6TJ Bezel
(Ortronics® TracJack
Bezel Sold Separately)
MAB3S2 Bezel
(Ortronics® Series II
Bezel Sold Separately)
MAB3S2 Bezel (Ortronics®
Series II Bezel Included
with 829PFLRT)
829PFL or
829PFLRT Cover
Scrub Water
Gasket Included
CM-MAB Activate
Bezel (Included with
829PFL Cover)
MAB6TJ (Ortronics®
TracJack Bezel Included
with 829PFLRT)
Fiber Optic Insert (Sold Separately)
Modulink 880MP Series Floor Boxes Mounting Options for Connectivity Inserts
NOTE: Part is approved
for scrub water
applications only
with inserts in the
flush position.
NOTE: All brand and product names referenced in this document are
registered trademarks or trademarks of their respective holders.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com