Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2P96 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # R2P96
Description  2 Post Standard Equipment Rack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

R2P96 Datasheet(HTML) 1 Page - PANDUIT CORP.

  R2P96 Datasheet HTML 1Page - PANDUIT CORP. R2P96 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICA TION SHEET
Rack spaces
The 8' rack with 52 rack spaces allows more equipment in the same
footprint to maximize real estate for lowest cost of ownership
Extruded
Designed to be lightweight and durable for easier deployment and
aluminum construction
reduced transportation costs; UL listed for 1000 lbs.
Heavy duty steel construction
6" channel rack designed for higher weight capacity for large
equipment; UL listed for 1500 lbs.
Printed rack
Allows for quick location of rack mounted equipment for faster
space identification
installation and less rework; see individual customer drawings for
specific rack RU numbering
Paint piercing washers
Fully electrically bonds rack components to simplify grounding
process for improved network reliability
Double-sided #12-24
Provides ability to mount equipment on both sides of the rack
mounting holes
channel for improved system flexibility
Dimensions:
R2P96 – #12-24 threaded equipment mounting rails
96.1"H x 20.3"W x 3"D (2441mm x 514mm x 76mm), 52 RU
R2P – #12-24 threaded equipment mounting rails
84.0"H x 20.3"W x 3"D (2134mm x 514mm x 76mm), 45 RU
R2P48 – #12-24 threaded equipment mounting rails
48.0"H x 20.3"W x 3"D (1219mm x 514mm x 76mm), 24 RU
R2P6S – #12-24 threaded equipment mounting rails
84.0"H x 20.3"W x 6"D (2134mm x 514mm x 152mm), 45 RU
R2P6S96 - #12-24 threaded equipment mounting rails
96.1"H x 20.3"W x 6"D (2441mm x 514mm x 152mm), 52 RU
R2PW – #12-24 threaded equipment mounting rails
84"H x 24.25"W x 3"D (2441mm x 616mm x 76mm), 45 RU
Packaging:
Includes right and left mounting rack channels, top and bottom brackets, assembly
hardware with paint piercing washers and anti-oxidizing paste for complete rack bonding
www.panduit.com
key features and benefits
applications
technical information
specifications
Panduit 2 post standard equipment rack provides a
reliable foundation for mounting telecommunication
and data center equipment. The rack can be used to
manage high performance copper and fiber patch
cables. This modular rack system is compatible with
Panduit horizontal and vertical cable managers. The
2 post standard equipment rack is part of a complete
rack and cable management system that manages,
protects, and showcases your network investment.
The data equipment rack shall be constructed of extruded
aluminum or steel and capable of accepting 19" wide EIA
equipment. The telecommunications rack shall be constructed
of extruded aluminum and capable of accepting 23" wide
telecommunications equipment. Rack construction method
shall ensure an electrically bonded structure for ease of
grounding. The 3" channel rack shall be UL listed for 1000 lbs.
load rating and the 6" channel rack shall be UL listed for
1500 lbs. load rating. The equipment mounting rails shall be
double-sided #12-24 EIA universal mounting hole spacing.
The equipment mounting rails shall include printed rack
space identification on the front and back and be numbered
up. The channel of the rack shall be capable of mounting
NetRunner™ or PatchRunner™ Vertical Cable Managers.
24 #12-24 mounting screws shall be included with the rack.
2 Post Standard Equipment Rack
3" Channel Racks – Numbered Up
19" wide #12-24 threaded rail:
R2P96
19" wide #12-24 threaded rail:
R2P
19" wide #12-24 threaded rail:
R2P48
23" wide #12-24 threaded rail:
R2PW
6" Channel Rack – Numbered Up
19" wide #12-24 threaded rail:
R2P6S
19" wide #12-24 threaded rail:
R2P6S96
Thermal Ducts
Thermal duct
Cisco Catalyst ^ 6509:
R2PAE1
Thermal duct
Cisco^ Nexus 7009:
R2PAE2
2 Post Rack Accessories for 19"
Racks – Front Mount Shelves
1.7"H x 19.0"W x 15.2"D:
SRM19FM1
3.5"H x 19.0" W x 15.2"D:
SRM19FM2
Cantilevered Shelf Vented
5.2"H x 19.2"W x 12.5"D:
SRM19CMV3
Cantilevered Shelf
5.2"H x 19.0"W x 12.5"D:
SRM19CM3
Adjustable Shelf
19.0"W x 18.0"D:
SRM19X18A1
19.0"W x 25.0"D:
SRM19X25A1
3" and 6" Channel Rack Top Trough
For PatchRunner ™ High Capacity
Vertical Cable Managers:
R2PPEVWF
For PatchRunner ™
Vertical Cable Managers:
R2PPRVWF
For NetRunner ™
Vertical Cable Managers:
WMPV45ERTW†
Power Outlet Unit (POU) Mounting Bracket
2 post rack (POU)
bracket (set of 2):
R2PPDUB
Additional Hardware
100 #12-24 screws
S1224-C
Rack anchor kit for
concrete floor:
RFAKIT
PatchRunner ™ High Capacity Vertical Cable
Managers for 3" and 6" Channel Racks – 7 Foot
Dual-sided
6" wide:
PEV6
8" wide:
PEV8
10" wide:
PEV10
12" wide:
PEV12
Singe sided
6" wide:
PEVF6
8" wide:
PEVF8
10" wide:
PEVF10
12" wide:
PEVF12
Dual Hinged Doors
6" wide:
PED6
8" wide:
PED8
10" wide:
PED10
12" wide:
PED12
NetRunner ™ High Capacity Vertical Cable
Managers for 3" Channel Racks – 7 Foot
Front and rear
45 RU, 6" x 6":
NRV6
45 RU, 10" x 6":
NRV10
45 RU, 12" x 6":
NRV12
Front only
45 RU, 6" x 6":
NRVF6
45 RU, 10" x 6":
NRVF10
45 RU, 12" x 6":
NRVF12
Doors
6" wide:
NRD6
10" wide:
NRD10
12" wide:
NRD12
NetRunner ™ Vertical Cable Managers for
3" Channel Racks – 7 Foot
Front and rear
45 RU, 4" x 5":
WMPV45E
45 RU, 6" x 6":
WMPVHC45E
Front only
45 RU, 4" x 5":
WMPVF45E
45 RU, 6" x 6":
WMPVHCF45E
PatchRunner™ Vertical Cable Managers – 7 Foot
6" W, front and rear:
PRV6*†
6" W, front only:
PRVF6*
8" W, front and rear:
PRV8*†
8" W, front only:
PRVF8*
10" W, front and rear:
PRV10*†
10" W, front only:
PRVF10*
12" W, front and rear:
PRV12*†
12" W, front only:
PRVF12*
15" W, front and rear:
PRV15*†
15" W, front only:
PRVF15*
Dual Hinged Doors – 7 Foot
6" x 7':
PRD6*
8" x 7':
PRD8*
10" x 7':
PRD10*
12" x 7':
PRD12*
15" x 7':
PRD15*
^Cisco and Cisco Catalyst are registered
trademarks of Cisco Technology Inc.
*Add suffix 96 to the end of the part number for
8' part numbers.
†Suitable for use with 3" Channel Rack only.


Similar Part No. - R2P96

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
R2P PANDUIT-R2P Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
R2P PANDUIT-R2P Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
R2P PANDUIT-R2P Datasheet
1Mb / 20P
NetKey Cabling System
2012
R2P PANDUIT-R2P Datasheet
747Kb / 2P
High Capacity Horizontal Cable Managers
8/2020
R2P PANDUIT-R2P Datasheet
1Mb / 2P
NetRunner Vertical Cable Managers
7/2020
More results

Similar Description - R2P96

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
R2P6S PANDUIT-R2P6S Datasheet
435Kb / 2P
2 Post Standard Equipment Rack
logo
Tripp Lite. All Rights ...
SR2POST13 TRIPPLITE-SR2POST13 Datasheet
482Kb / 2P
13U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
SR2POST TRIPPLITE-SR2POST Datasheet
467Kb / 2P
45U SmartRack 2-Post Open Frame Rack, 800-lb. Capacity - Organize and Secure Network Rack Equipment
SR4POST52HD TRIPPLITE-SR4POST52HD Datasheet
165Kb / 3P
52U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST58HD TRIPPLITE-SR4POST58HD Datasheet
165Kb / 3P
58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR2POST12 TRIPPLITE-SR2POST12 Datasheet
161Kb / 3P
SmartRack 12U Desktop 2-Post Open-Frame Rack
SR2POST25 TRIPPLITE-SR2POST25 Datasheet
155Kb / 2P
25U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST48HD TRIPPLITE-SR4POST48HD Datasheet
165Kb / 3P
48U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com