Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1553DBKBAT Datasheet(PDF) 2 Page - BusBoard Prototype Systems Ltd.

Part # 1553DBKBAT
Description  A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

1553DBKBAT Datasheet(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  1553DBKBAT Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 3Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 4Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 5Page - BusBoard Prototype Systems Ltd. 1553DBKBAT Datasheet HTML 6Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com
sales@busboard.com
BPS-MAR-PR1553DBAT-001 Rev 4.00
ProtoBoard-1553DBAT – for 1553DBAT Boxes
A prototyping board designed for the Hammond 1553DxBAT
soft-sided handheld case with battery compartment.
Features
ProtoBoard saves time! The PCB is designed
specifically for the Hammond 1553DxBAT box.
No cutting is required. The mounting holes are
present in the right spots.
The convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
Lead free etched copper PCB with an
anti-tarnish coating for easy soldering.
PCB Specifications
• High-quality FR4 glass epoxy board.
• Six 4-40 PCB mounting screws provided.
• Single sided, 1oz/ft2 copper PCB
• 0.042" holes drilled on 0.1" centers
• PCB Size 2.850 x 4.175 in. (72 x 106mm)
Order Part# PR1553DBAT (for PCB only)
Board Layout (actual size)
PR1553DBAT Prototyping Board shown with the
Hammond 1553DBKBAT box (box not included).
To purchase the PCB + Box together,
order BPS part# KIT-1553DBAT-BK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com