Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC15-2P Datasheet(PDF) 2 Page - Protek Devices

Part # SMP6LC15-2P
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC15-2P Datasheet(HTML) 2 Page - Protek Devices

  SMP6LC15-2P Datasheet HTML 1Page - Protek Devices SMP6LC15-2P Datasheet HTML 2Page - Protek Devices SMP6LC15-2P Datasheet HTML 3Page - Protek Devices SMP6LC15-2P Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05088.R4 3/05
SMP6LC05-2P
thru
SMP6LC24-2P
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp = 8/20µs)
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
Watts
UNITS
3,600
TJ
PPP
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
Watts
600
PPP
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Note 1)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@ V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
PP = 10A
V
C
VOLTS
SMP6LC05-2P
SMP6LC6.5-2P
SMP6LC08-2P
SMP6LC12-2P
SMP6LC15-2P
SMP6LC24-2P
5.0
6.5
8.0
12.0
15.0
24.0
6.0
7.2
8.5
13.3
16.7
26.7
300
300
25
2
2
2
9.6
12.4
13.6
19.9
24.4
38.9
15
15
15
15
15
15
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
Note 1: Do no surge from pins 15/16 to 1/2, 3/4 to 13/14, 11/12 to 5/6 and 7/8 to 9/10. PIV typically greater than 100 Volts for each rectifier diode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com