Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZ2H
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2H Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZ2H Datasheet HTML 1Page - Renesas Technology Corp HZ2H Datasheet HTML 2Page - Renesas Technology Corp HZ2H Datasheet HTML 3Page - Renesas Technology Corp HZ2H Datasheet HTML 4Page - Renesas Technology Corp HZ2H Datasheet HTML 5Page - Renesas Technology Corp HZ2H Datasheet HTML 6Page - Renesas Technology Corp HZ2H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HZ(H) Series
Rev.1.00, Mar.11.2004, page 4 of 6
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
1
14.1
14.7
2
14.5
15.1
HZ15(H)
3
14.9
15.5
5
1
11.0
40
5
1
15.3
15.9
2
15.7
16.5
HZ16(H)
3
16.3
17.1
5
1
12.0
45
5
1
16.9
17.7
2
17.5
18.3
HZ18(H)
3
18.1
19.0
5
1
13.0
55
5
1
18.8
19.7
2
19.5
20.4
HZ20(H)
3
20.2
21.1
2
1
15.0
60
2
1
20.9
21.9
2
21.6
22.6
HZ22(H)
3
22.3
23.3
2
1
17.0
65
2
1
22.9
24.0
2
23.6
24.7
HZ24(H)
3
24.3
25.5
2
1
19.0
70
2
1
25.2
26.6
2
26.2
27.6
HZ27(H)
3
27.2
28.6
2
1
21.0
80
2
1
28.2
29.6
2
29.2
30.6
HZ30(H)
3
30.2
31.6
2
1
23.0
100
2
1
31.2
32.6
2
32.2
33.6
HZ33(H)
3
33.2
34.6
2
1
25.0
120
2
1
34.2
35.7
2
35.3
36.8
HZ36(H)
3
36.4
38.0
2
1
27.0
140
2
Notes: 1. Tested with DC.
2. Type No. is as follows; HZ2(H)B1, HZ 2(H)B2, HZ36(H)3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com