Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809942 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809942
Description  Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809942 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809942 Datasheet HTML 1Page - PHOENIX CONTACT 0809942 Datasheet HTML 2Page - PHOENIX CONTACT 0809942 Datasheet HTML 3Page - PHOENIX CONTACT 0809942 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0809942
09/11/2020   Page 1 / 4
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT - 0809942
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER,
mounting type: snap into flat marker groove, for terminal block width: 7.5 mm, lettering field size: 5.15 x 7.4
mm, Number of individual labels: 10
Your advantages
 The ZBF zack marker strip system with flat marker groove is a marking solution for modular terminal blocks and electronics modules
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918602758
Technical data
Dimensions
Width (a)
7.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Color
white
Type
flat
Components
free from silicone and halogen
Flammability rating according to UL 94
V2
Material
PA
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
10
Number of individual labels per row
10


Similar Part No. - 0809942

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099400 LITTELFUSE-08099400 Datasheet
639Kb / 2P
350A Manual battery master switch with removable or fixed handle
More results

Similar Description - 0809942

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803447 PHOENIX-0803447 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8:UNBEDRUCKT
0808587 PHOENIX-0808587 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 4: UNPRINTED
0808781 PHOENIX-0808781 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 8:UNBEDRUCKT
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0809997 PHOENIX-0809997 Datasheet
61Kb / 2P
Zack Marker strip, flat - ZBF10:UNBEDRUCKT
0827464 PHOENIX-0827464 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 16:UNPRINTED
0829134 PHOENIX-0829134 Datasheet
56Kb / 3P
Zack Marker strip, flat - ZBF 13 CUS
0829392 PHOENIX-0829392 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 3,5:UNBEDRUCKT
0815020 PHOENIX-0815020 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 17:UNBEDRUCKT
09/11/2020
0829129 PHOENIX-0829129 Datasheet
103Kb / 3P
Zack Marker strip, flat - ZBF 9:UNBEDRUCKT
01/21/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com