Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1126ACEZ Datasheet(PDF) 21 Page - Analog Devices

Part # HMC1126ACEZ
Description  GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1126ACEZ Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC1126ACEZ Datasheet HTML 13Page - Analog Devices HMC1126ACEZ Datasheet HTML 14Page - Analog Devices HMC1126ACEZ Datasheet HTML 15Page - Analog Devices HMC1126ACEZ Datasheet HTML 16Page - Analog Devices HMC1126ACEZ Datasheet HTML 17Page - Analog Devices HMC1126ACEZ Datasheet HTML 18Page - Analog Devices HMC1126ACEZ Datasheet HTML 19Page - Analog Devices HMC1126ACEZ Datasheet HTML 20Page - Analog Devices HMC1126ACEZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
HMC1126ACEZ
Rev. 0 | Page 21 of 21
OUTLINE DIMENSIONS
SEATING
PLANE
PIN 1
CORNER
TOP VIEW
BOTTOM VIEW
5.10
5.00 SQ
4.90
SIDE VIEW
PIN 1 CORNER
INDICATOR
0.29
0.25
0.21
1.70
1.60
1.50
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.35
0.30
0.25
2.90 BSC
SQ
1
6
7
12
13
18
19
24
0.50
0.45
0.40
0.10
BSC
1.35 REF
0.18
Ø 0.15
0.12
(Vent Hole)
0.65
BSC
3.25
REF
Figure 68. 24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
5.00 mm × 5.00 mm Body and 1.60 mm Package Height
(CE-24-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
MSL
Rating3
Package Description
Package Option
HMC1126ACEZ
−40°C to +85°C
MSL3
24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-24-2
HMC1126ACEZ-R7
−40°C to +85°C
MSL3
24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-24-2
HMC1126-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
When ordering the evaluation board only, reference the model number, HMC1126-EVALZ.
3
See the Absolute Maximum Ratings section for additional information.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D25048-11/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com