Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-11521 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11521
Description  Bare Conductive - Electric Paint Pen (10ml)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11521 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11521 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bare Conductive - Electric Paint Pen (10ml)
COM-1 1521
Description: Bare Conductive’s Electric Paint is just like any other water-based
paint… except that it’s electrically conductive! This means that you can actually paint
wires onto things like models, clothes, furniture, walls, almost anything you can think
of. Standard acrylic or water-based paints can even be used alongside Electric Paint
to act as insulation or to create multi-layer circuitry!
Oh yeah, and now? It comes in a pen! Bare’s Electric Paint Pens are a great
electronics prototyping tool for makers of all ages. Nontoxic and water-soluble, they
can be used without gloves or mask. Once applied the paint dries quickly at room
temperature, and can be removed with soap and water.
Note: Electric Paint is not meant for use on skin!
Note: Electric Paint is not waterproof, but depending on what your application is you
can paint over it with a waterproof paint or varnish. On the bright side this does make
for easy cleanup.
Features:
• Water-based, nontoxic and dries at room temperature.
• Electric Paint can be applied to a wide variety of materials, including (but
certainly not limited to) paper, cardboard vellum, wood, metal, plaster, some
rubbers, plastics and many textile.
• Soap and warm water will take Electric Paint off of most surfaces.
• Can last years if treated properly and kept dry.
https://www.sparkfun.com/products/11521
12/7/2016


Similar Part No. - COM-11521

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-11274 SPARKFUN-COM-11274 Datasheet
278Kb / 1P
Big Dome Pushbutton - Blue
3/14/2017
More results

Similar Description - COM-11521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10409 ETC2-10409 Datasheet
510Kb / 7P
Statguard Conductive Acrylic Paint Application Instructions
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
Interactive pen
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
PEN RECORDER
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
Marker pen - CMS-PEN-D/AD 0,25
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
logo
List of Unclassifed Man...
CW2200 ETC-CW2200 Datasheet
46Kb / 2P
CircuitWorks Conductive Pen
REV. H (01/17)
logo
PHOENIX CONTACT
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
logo
SparkFun Electronics
COM-10994 SPARKFUN-COM-10994 Datasheet
45Kb / 1P
Bare Conductive - Electric Paint (50ml)
2/7/2016
logo
PHOENIX CONTACT
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
Marker pen - CMS-PEN 0,35
09/12/2020
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com