Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF07 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # CCF07
Description  Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

CCF07 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  CCF07 Datasheet HTML 1Page - Vaishali Semiconductor CCF07 Datasheet HTML 2Page - Vaishali Semiconductor CCF07 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
13
CCF07
Vishay Dale
Document Number: 31013
Revision 08-Dec-05
For Technical Questions, contact ff3dresistors@vishay.com
DIMENSIONS
in inches [millimeters]
PERFORMANCE
* Test Methods per MIL-STD-202G/IEC 60115/DIN EN 140000 (as applicable).
** Life ∆R is ± 2.0 % for 1/2 watt rating.
0.245
± 0.020
[6.22
± 0.51]
1.100
± 0.040
[27.94
± 1.02]
0.090
± 0.008
[2.29
± 0.20]
Refer to note for
Wire Dia.
Metal Film Resistors, Industrial
RESISTANCE VALUES
Vishay Dale Model CCF07 is available in the standard 24 resistance values per decade. Values are obtained from the following decade table
by multiplying by powers of 10. As an example: 24 can represent 24 ohm, 240 ohm, 2.4 kohm, 24 kohm or 240 kohm.
10
11
12
13
15
16
56
62
68
75
82
91
33
36
39
43
47
51
18
20
22
24
27
30
- Color band
MARKING
TEST*
MAX.
∆R (Typical Test Lots)
Thermal Shock
± 1.0 %
Short Time Overload
± 0.5 %
Low Temperature Operation
± 0.5 %
Moisture Resistance
± 1.5 %
Resistance to Soldering Heat
± 0.5 %
Shock / Bump
± 0.5 %
Vibration
± 0.5 %
Terminal Strength
± 0.5 %
Dielectric Withstanding Voltage
± 0.5 %
Life
± 1.5 %**
- 65 - 50 - 25
0
25
50
70 75 100
125
150
175 200
AMBIENT TEMPERATURE IN
˚C
DERATING
120
100
80
60
40
20
0
*Note: Wire Dia.
CCF07 (Sn/Pb) = 0.025 ± 0.002 [0.64 ± 0.05]
CCF07 (Sn) = 0.023 ± 0.002 [0.60 ± 0.05]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com