Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDAK Datasheet(PDF) 1 Page - Microchip Technology

Part # ASDAK
Description  Augmented Switching??Technology Accelerated Development Kit Digital Programmable Gate Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ASDAK Datasheet(HTML) 1 Page - Microchip Technology

  ASDAK Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unlock the Full Potential of SiC
Microchip’s Accelerated Silicon Carbide (SiC) Development Kit includes the
hardware and software elements required to rapidly optimize the performance of
SiC modules and systems.
This new tool enables designers to adjust system performance through software
upgrades using the AgileSwitch® Intelligent Configuration Tool (ICT) and a device
programmer. No soldering required.
The ICT offers configuration of different drive parameters including on/off gate voltages,
DC link and temperature fault levels and Augmented Switching™ technology profiles.
Small changes to the Augmented Switching technology profiles can yield dramatic
improvements in switching efficiency, overshoot, ringing and short-circuit protection.
www.microchip.com
AgileSwitch®
ASDAK
Augmented Switching™ Technology Accelerated Development Kit
Digital Programmable Gate Drivers
Intelligent Configuration Tool (ICT)
Optimize with a Keystroke
Available for download at www.AgileSwitch.com/program.html
Each Kit Includes
• 3× – 2ASC Series Cores
• 1× – Module Adapter Board
• 1× – ASBK-014 Device Programmer Kit
• 1× – ICT Software
Kit Part Numbers
ASDAK-2ASC-12A1HP-62
• 3× 2ASC-12A1HP – 1200V Core
• 1× 62CA1 – 1200V 62 mm Module Adapter
ASDAK-2ASC-17A1HP-62
• 3× 2ASC-17A1HP – 1700V Core
• 1× 62CA4 – 1700V 62 mm Module Adapter
ASDAK-2ASC-12A1HP-SP6LI
• 3× 2ASC-12A1HP – 1200V Core
• 1× SP6CA1 – SP6LI Module Adapter
SiC Module not included
Most individual components may be ordered separately
Programming kit may differ from shown
Compatible SiC Manufacturers
The Microchip name and logo, the Microchip logo and AgileSwitch are registered trademarks of and Augmented Switching is a trademark of Microchip Technology Incorporated in the U.S.A. and other countries. All other
trademarks mentioned herein are property of their respective companies.
© 2020, Microchip Technology Incorporated. All Rights Reserved. 7/20
DS00003536A


Similar Part No. - ASDAK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
ASDA-00 OSRAM-ASDA-00 Datasheet
1Mb / 25P
Automotive High-Power Flood Illuminator
v4-00 2023-Mar-28
logo
TE Connectivity Ltd
ASDA021NN00430150000 TEC-ASDA021NN00430150000 Datasheet
111Kb / 1P
ASDA021NN00430150000
logo
Analog Devices
ASDATA1 AD-ASDATA1 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ASDATA2 AD-ASDATA2 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
More results

Similar Description - ASDAK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
C8051F36x DEVELOPMENT KIT
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com