Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8671 Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Datasheet(HTML) 4 Page - Microchip Technology

  LAN8671 Datasheet HTML 1Page - Microchip Technology LAN8671 Datasheet HTML 2Page - Microchip Technology LAN8671 Datasheet HTML 3Page - Microchip Technology LAN8671 Datasheet HTML 4Page - Microchip Technology LAN8671 Datasheet HTML 5Page - Microchip Technology LAN8671 Datasheet HTML 6Page - Microchip Technology LAN8671 Datasheet HTML 7Page - Microchip Technology LAN8671 Datasheet HTML 8Page - Microchip Technology LAN8671 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1.
Preface
1.1
Buffer Types
Table 1-1. LAN8670/1/2 Buffer Type Descriptions
Buffer
Description
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Oscillator input
OCLK
Crystal oscillator output
P
Power
PD
55 kΩ (typical) internal pull-down. Unless otherwise noted in the pin description, internal pull-downs are always
enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive
signals external to the device. When connected to a load that must be pulled low, an external resistor must be
added.
PU
55 kΩ (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-ups are always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive signals
external to the device. When connected to a load that must be pulled high, an external resistor must be added.
VIS-VDDP
3.3V Schmitt-triggered input (VDDP power domain)
VO-VDDP
3.3V output (VDDP power domain)
VOH-VDDP
3.3V high-speed output (VDDP power domain)
VOD-VDDP
3.3V open-drain output (VDDP power domain)
Note:  Digital signals are not 5V tolerant unless specified.
LAN8670/1/2
Preface
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com