Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5018 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5018 Datasheet HTML 4Page - Microchip Technology MIC5018 Datasheet HTML 5Page - Microchip Technology MIC5018 Datasheet HTML 6Page - Microchip Technology MIC5018 Datasheet HTML 7Page - Microchip Technology MIC5018 Datasheet HTML 8Page - Microchip Technology MIC5018 Datasheet HTML 9Page - Microchip Technology MIC5018 Datasheet HTML 10Page - Microchip Technology MIC5018 Datasheet HTML 11Page - Microchip Technology MIC5018 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MIC5018
DS20006631A-page 8
2021 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Functional Description
Refer to the
“Functional Block Diagram”.
The MIC5018 is a noninverting device. Applying a logic
high signal to CTL (control input) produces gate drive
output. The G (gate) output is used to turn on an
external N-channel MOSFET.
3.1.1
SUPPLY
VS (supply) is rated for +2.7V to +9V. An external
capacitor is recommended to decouple noise.
3.1.2
CONTROL
CTL (control) is a TTL compatible input. CTL must be
forced high or low by an external signal. A floating input
may cause unpredictable operation.
A high input turns on Q2, which sinks the output of
current source I1, making the input of the first inverter
low. The inverter output becomes high enabling the
charge pump.
3.1.3
CHARGE PUMP
The charge pump is enabled when CTL is logic high.
The charge pump consists of an oscillator and voltage
quadrupler (4×). Output voltage is limited to 16V by a
Zener diode. The charge pump output voltage will be
approximately:
EQUATION 3-1:
The oscillator operates from approximately 70 kHz to
approximately 100 kHz depending upon the supply
voltage and temperature.
3.1.4
GATE OUTPUT
The charge pump output is connected directly to the G
(gate) output. The charge pump is active only when
CTL is high. When CTL is low, Q3 is turned on by the
second inverter and discharges the gate of the external
MOSFET to force it off.
If CTL is high, and the voltage applied to VS drops to
zero, the gate output will be floating (unpredictable).
3.1.5
ESD PROTECTION
D1 and D2 clamp positive and negative ESD voltages.
R1 isolates the gate of Q2 from sudden changes on the
CTL input. Q1 turns on if the emitter (CTL input) is
forced below ground to provide additional input
protection. Zener D3 also clamps ESD voltages for the
gate (G) output.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
5-Lead
SOT-143
Pin Name
Description
1
GND
Ground: Power return.
2
VS
Supply (Input): +2.7V to +9V supply.
3
G
Gate (Output): Gate connection to external MOSFET.
4
CTL
Control (Input): TTL compatible on/off control input. Logic high drives the gate output
above the supply voltage. Logic low forces the gate output near ground.
VG 4 VSUPPLY 2.8V
–
=
But not exceeding 16V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com