Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-11235 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11235
Description  Arduino and Breadboard Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11235 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11235 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
ArduinoandBreadboardHolder
DEV-11235 RoHS
 
 
Description: We’ve been prototyping for a long time on these awesome little plastic plates but it’s
time for an upgrade. This version still holds an Arduino and a self-adhesive clear breadboard but
we’ve done away with the plastic clips and now provide screws which give you a more solid and
simple connection. Also, because the outside dimensions of the board don’t matter anymore, this
plate can be used with any board that has the Arduino mounting holes. The Arduino Uno, The
Leonardo, FEZ Panda even the Electric Sheep can all be screwed down to the base plate for easy
prototyping. You can even mount the board facing either way you like.
This prototyping holder includes 2 screws for mounting your favorite dev board. The self-adhesive
breadboard that fits this plate can be found in the related items below.
Replaces:DEV-10059
 
 
 
                                                                                          https://www.sparkfun.com/products/11235 5‐16‐17 


Similar Part No. - DEV-11235

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-11259 SPARKFUN-DEV-11259 Datasheet
98Kb / 1P
LilyPad Power Supply
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results

Similar Description - DEV-11235

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
SparkFun Electronics
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com