Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12924 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-12924
Description  SparkFun MicroView - USB Programmer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12924 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-12924 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
images are CC BY-NC-SA 3.0
Description: The MicroView is the first chip-sized Arduino compatible module that
lets you see what your Arduino is thinking using a built-in OLED display. This USB
programmer connects directly to the MicroView and lets you not only program the
module, but use it to interface with your computer, Rapsberry Pi, or other USB device.
The programmer has both male and female headers which allow it to be plugged into
a MicroView module and a breadboard at the same time, making prototyping quick
and easy.
If you want to learn more about the MicroView, check out the Kickstarter page.
Note: A MicroView OLED Arduino Module is NOT included with this USB
Programmer.
Page 1 of 1
SparkFun MicroView - USB Programmer - DEV-12924 - SparkFun Electronics
4/16/2015
https://www.sparkfun.com/products/12924


Similar Part No. - DEV-12924

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
More results

Similar Description - DEV-12924

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-12731 SPARKFUN-BOB-12731 Datasheet
109Kb / 1P
SparkFun USB to Serial Breakout
BOB-15100 SPARKFUN-BOB-15100 Datasheet
2Mb / 3P
SparkFun USB-C Breakout
12????8
CAB-11515 SPARKFUN-CAB-11515 Datasheet
100Kb / 2P
SparkFun Cerberus USB Cable - 6ft (Sale)
10/8/2015
CAB-12016 SPARKFUN-CAB-12016 Datasheet
99Kb / 1P
SparkFun Cerberus USB Cable - 6ft
10/20/2015
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10401 SPARKFUN-PRT-10401 Datasheet
103Kb / 1P
SparkFun LiPo Charger Basic - Mini-USB
10/9/2015
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
SparkFun RFID USB Reader
6??0??7
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
logo
Laird Tech Smart Techno...
453-00062-K1 LSTD-453-00062-K1 Datasheet
939Kb / 17P
Using the USB-SWD Programmer
v1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com