Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13714 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13714
Description  FreeSoC2 Development Board - PSoC5LP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13714 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13714 Datasheet HTML 1Page - SparkFun Electronics DEV-13714 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FreeSoC2 Development Board - PSoC5LP
DEV-13714 ROHS
This is the FreeSoC2 Development Board, SparkFun’s take on the PSoC5LP ARM Cortex. The
PSoC (Programmable System-on-Chip) brings together features of the programmable devices and
microcontroller-type systems-on-chips into one package. By placing a programmable fabric between
the peripherals and the pins, the FreeSoC2 allows any function to be routed to any pin! Moreover,
the onboard PSoC includes a number of programmable blocks, which allow the user to define
arbitrary digital and analog circuits for their specific application.
SparkFun’s FreeSoC2 board has two processors onboard: a CY8C5868LTI-LP039 and a
CY8C5888AXI-LP096. The former serves as a debugger/programmer for the latter, which is the
target upon which your application code will be installed. Both parts contain a Cortex-M3 processor
core, 256kB of flash memory, 64kB of SRAM and 2kB of EEPROM. The only significant differences
between the two are package size and clock speed. The target is in a TQFP-100 package, which
provides 72 I/O pins versus the debugger’s QFN-68 package and 48 I/O pins, and the target can
operate at 80MHz versus the debugger’s 67MHz limit. Additionally, the FreeSoC2 can support 5V
and 3.3V I/O voltages.
With a simple upload of new firmware, the Arduino core has been ported to the PSoC5LP, so you
can write code for the board in the standard Arduino IDE. The board duplicates the functionality of
an Arduino Uno R3’s various hardware peripherals on the pins, so many examples, libraries and
shields will work on this board. However, to get the most out of the device, you will need to use the
PSoC Creator IDE (which is free of charge with no code limits from Cypress Semiconductor). Please
keep in mind that the PSoC Creator software is Windows-only at this time.


Similar Part No. - DEV-13714

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13727 SPARKFUN-DEV-13727 Datasheet
220Kb / 5P
SparkFun Blocks for Intel짰 Edison - Battery Block
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-13754 SPARKFUN-DEV-13754 Datasheet
117Kb / 2P
SparkFun Sensor Kit
5/10/2016
More results

Similar Description - DEV-13714

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_13 Datasheet
401Kb / 2P
Qseven Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Advantech Co., Ltd.
SOM-DB3500 ADVANTECH-SOM-DB3500_15 Datasheet
408Kb / 2P
Qseven Development Board
logo
Microchip Technology
TB3094 MICROCHIP-TB3094 Datasheet
698Kb / 10P
PIC18F67J94 Development Board
11/29/12
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
Development Board
logo
NXP Semiconductors
OM13070 NXP-OM13070 Datasheet
351Kb / 3P
LPCXpresso4337 Development Board
Rev.1.0-19th January2015
OM13073 NXP-OM13073 Datasheet
318Kb / 2P
LPCXpresso43S37 Development Board
Rev. 1.1-February 6, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com