Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14006 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14006
Description  SparkFun Little Soundie Audio Player
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14006 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14006 Datasheet HTML 1Page - SparkFun Electronics DEV-14006 Datasheet HTML 2Page - SparkFun Electronics DEV-14006 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
There are five areas on the Little Soundie that allows you, the user, to interact with the board, the
Power/Play button, the trigger pins, the 3.5mm jack and micro-USB port, and the VSIDE pins and
each of these areas provide different functions for operation. The Power/Play button is pretty much
what it says it is, it turns on the VS1000D which then triggers all the internal voltage regulators. The
trigger pins on the left side of the board activate each track on the Little Soundie based on a binary
code while a momentary connection to 3.3V will trigger the audio to playback (we go into good detail
about this in the Hookup Guide below). The 3.5mm jack and micro-USB connector provide your
input and outputs for the board. Finally on the right side of the board are the VSIDE UART
programming pins which allow you to change or add any functionality of the Little Soundie through
the IDE.
Note: Speakers are required for the Little Soundie, not headphones. Headphones won’t break
anything but you won’t get any sound either.
Features 
VIN 3.3V-5.5V
All IO 3.3V logic with pull down resistors (not 5V tolerant)
Plays audio stored on 4Mb SPI Flash
Load audio on USB Mass Storage
Uses high-performance license-free Ogg Vorbis decoder for compressed audio
Also plays .WAV type files
Customizable
Line-Out stereo analog output with SNR>90dB
Supports variable bit-rate and sample rates
6 GPIO for triggering audio playback (Binary Coded)
Programming free!
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com